Electronic Components Datasheet Search
  English  ▼

X  

AMC7812B Datasheet(PDF) 47 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AMC7812B
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AMC7812B Datasheet(HTML) 47 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AMC7812B Datasheet HTML 43Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 44Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 45Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 46Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 47Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 48Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 49Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 50Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 51Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 92 page
background image
HighThreshold
LowThreshold
Hysteresis
Input
Hysteresis
OverHighAlarm
BelowLowAlarm
AMC7812B
www.ti.com
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
Hysteresis
The device continuously monitors the analog input channels and temperatures. If any alarms are out of range
and the alarm is enabled, the alarm bit is set ('1'). However, the alarm condition is cleared only when the
conversion result returns to a value of at least hys below the value of the high threshold register, or hys above
the value of low threshold register. The hysteresis registers store the value for each analog input (CH0, CH1,
CH2, and CH3) and temperature (D1, D2, and LT). hys is the value of hysteresis that is programmable: 0 LSB to
127 LSB for analog inputs, and 0°C to +31°C for temperatures. For the THERM-ALR bit, the hysteresis is fixed at
8°C. The hysteresis behavior is shown in Figure 98.
Figure 98. Hysteresis
False-Alarm Protection
As noted previously, the device continuously monitors all analog inputs and temperatures in normal operation.
When any input is out of the specified range in N consecutive conversions, the corresponding alarm bit is set
('1'). If the input returns to the normal range before N consecutive times, the alarm bit remains clear ('0'). This
design avoids false alarms.
The number N is programmable by the CH-FALR-CT-[2:0] bits in AMC configuration register 1 for analog input
CHn as shown in Table 6, or by the TEMP-FALR-CT-[1:0] bits for temperature monitors as shown in Table 7.
Table 6. Consecutive Sample Number for False Alarm Protection for CHn
N CONSECUTIVE SAMPLES
CH-FALR-CT-2
CH-FALR-CT-1
CH-FALR-CT-0
BEFORE ALARM IS SET
0
0
0
1
0
0
1
4
0
1
0
8
0
1
1
16 (default)
1
0
0
32
1
0
1
64
1
1
0
128
1
1
1
256
Table 7. Consecutive Sample Number for False Alarm Protection for Temperature Channels
TEMP-FALR-CT-1
TEMP-FALR-CT-0
N CONSECUTIVE SAMPLES BEFORE ALARM IS SET
0
0
1
0
1
2
1
0
4 (default)
1
1
8
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com