Electronic Components Datasheet Search
  English  ▼

X  

AMC7812B Datasheet(PDF) 30 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AMC7812B
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AMC7812B Datasheet(HTML) 30 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AMC7812B Datasheet HTML 26Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 27Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 28Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 29Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 30Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 31Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 32Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 33Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 34Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
2
V
DM
2
V
DM
V
COMMON
V -
IN
V +
IN
(a)
V1
V2
V -
IN
V +
IN
(b)
AMC7812B
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
www.ti.com
Single-Ended Analog Input
In applications where the signal source has high impedance, TI recommends buffering the analog input before
applying it to the ADC. The analog input range can be programmed to be either 0 V to VREF or 0 V to (2 × VREF).
In 2 × VREF mode, the input is effectively divided by two before the conversion takes place. Note that the voltage
with respect to GND on the ADC analog input pins cannot exceed AVDD.
Fully-Differential Input
When the device is configured as a differential input, the differential signal is defined as VDM, as shown in
Figure 81(a). The differential signal is the equivalent of the difference between the V1 and V2 signals, as shown
in Figure 81(b). The common-mode input VCOMMON is equal to (V1 + V2) / 2.
When the conversion occurs, only the differential mode voltage (VDM) is converted; the common-mode voltage
(VCOMMON) is rejected. This process results in a virtually noise-free signal with a maximum amplitude of –VREF to
+VREF for the VREF range, or (–2 × VREF) to (+2 × VREF) for the (2 × VREF) range. The results are stored in straight
binary or twos complement format.
Figure 81. Fully-Differential Analog Input
PRIMARY ADC OPERATION
This section describes the operation of the primary ADC.
ADC Trigger Signals (see AMC configuration register 0)
The ADC can be triggered externally by the falling edge of the external trigger CNVT, or internally by writing to
the ICONV bit in AMC Configuration Register 0. The ADC channel registers specify which external analog
channel is converted.
When a new trigger activates, the ADC stops any existing conversion immediately and starts a new cycle. For
example, the ADC is programmed to sample channel 0 to channel 3 repeatedly (auto-mode). During the
conversion of channel 1, an external trigger is activated. The ADC stops converting channel 1 immediately and
starts converting channel 0 again, instead of proceeding to convert channel 2.
30
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com