Electronic Components Datasheet Search
  English  ▼

X  

AMC7812B Datasheet(PDF) 23 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AMC7812B
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AMC7812B Datasheet(HTML) 23 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AMC7812B Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 20Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 21Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 22Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 23Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 24Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 25Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 26Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 27Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
−40 −25 −10
5
20
35
50
65
80
95
110 125
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
DNL Max
DNL Min
TA (°C)
0V to VREF Mode
VREF = 2.5V, Internal
Differential Mode
−40 −25 −10
5
20
35
50
65
80
95
110 125
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
DNL Max
DNL Min
TA (°C)
0V to (2
⋅ V
REF) Mode
VREF = 2.5V, Internal
Differential Mode
−40 −25 −10
5
20
35
50
65
80
95
110 125
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
DNL Max
DNL Min
TA (°C)
0V to VREF Mode
VREF = 2.5V, Internal
Single−Ended Mode
−40 −25 −10
5
20
35
50
65
80
95
110 125
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
DNL Max
DNL Min
TA (°C)
0V to (2
⋅ V
REF) Mode
VREF = 2.5V, Internal
Single−Ended Mode
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
512
1024
1536
2048
2560
3072
3584
4096
Code
TA = +25°C
0V to (2
⋅ V
REF) Mode
VREF = 2.5V, Internal
Differential Mode
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
512
1024
1536
2048
2560
3072
3584
4096
Code
TA = +25°C
0V to (2
⋅ V
REF) Mode
VREF = 2.5V, Internal
Differential Mode
AMC7812B
www.ti.com
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
TYPICAL CHARACTERISTICS: ADC (continued)
At +25°C, unless otherwise noted.
Figure 49. DIFFERENTIAL LINEARITY ERROR vs CODE
Figure 50. LINEARITY ERROR vs CODE
Figure 51. DIFFERENTIAL LINEARITY ERROR vs
Figure 52. DIFFERENTIAL LINEARITY ERROR vs
TEMPERATURE
TEMPERATURE
Figure 53. DIFFERENTIAL LINEARITY ERROR vs
Figure 54. DIFFERENTIAL LINEARITY ERROR vs
TEMPERATURE
TEMPERATURE
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com