Electronic Components Datasheet Search
  English  ▼

X  

AMC7812B Datasheet(PDF) 64 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AMC7812B
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AMC7812B Datasheet(HTML) 64 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AMC7812B Datasheet HTML 60Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 61Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 62Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 63Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 64Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 65Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 66Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 67Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 68Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
AMC7812B
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
www.ti.com
ADC-n-Data Registers (Read-Only, Addresses = 23h to 32h)
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
0
0
0
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Bits[11:0]
ADC data.
Four ADC data registers are available. The ADC-n-data registers (where n = 0 to 15) store the conversion results
of the corresponding analog channel-n, as shown in Table 15.
Table 15. ADC Data Register Definitions
CONVERSION RESULT
INPUT CHANNEL
INPUT TYPE
STORED IN
FORMAT
Channel 0
Single-ended
ADC-0-data register
Straight binary
Channel 1
Single-ended
ADC-1-data register
Straight binary
Channel 2
Single-ended
ADC-2-data register
Straight binary
Channel 3
Single-ended
ADC-3-data register
Straight binary
CH0+ or CH1–
Differential
ADC-0-data register
Twos complement
CH2+ or CH3–
Differential
ADC-2-data register
Twos complement
Channel 4
Single-ended
ADC-4-data register
Straight binary
Channel 5
Single-ended
ADC-5-data register
Straight binary
Channel 6
Single-ended
ADC-6-data register
Straight binary
Channel 7
Single-ended
ADC-7-data register
Straight binary
Channel 8
Single-ended
ADC-8-data register
Straight binary
Channel 9
Single-ended
ADC-9-data register
Straight binary
Channel 10
Single-ended
ADC-10-data register
Straight binary
Channel 11
Single-ended
ADC-11-data register
Straight binary
Channel 12
Single-ended
ADC-12-data register
Straight binary
Channel 13
Single-ended
ADC-13-data register
Straight binary
Channel 14
Single-ended
ADC-14-data register
Straight binary
Channel 15
Single-ended
ADC-15-data register
Straight binary
64
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com