Electronic Components Datasheet Search
  English  ▼

X  

AMC7812B Datasheet(PDF) 74 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AMC7812B
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AMC7812B Datasheet(HTML) 74 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AMC7812B Datasheet HTML 70Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 71Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 72Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 73Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 74Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 75Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 76Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 77Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 78Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 92 page
background image
AMC7812B
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
www.ti.com
AUTO-DAC-CLR-SOURCE Register (Read or Write, Address = 53h, Default = 0004h)
This register selects which alarm forces the DAC into a clear state, regardless of which DAC operation mode is
active, auto, or manual.
Table 26. AUTO-DAC-CLR-SOURCE Register
BIT
NAME
DEFAULT
R/W
DESCRIPTION
15
—
0
R
Reserved. Writing to this bit causes no change. Reading this bit returns '0'.
CH0 alarm clear bit.
0 = CH1-ALR goes to '1' and does not force any DAC to a clear status
14
CH0-ALR-CLR
0
R/W
1 = DAC-n is forced to a clear status if both the ACLRn bit in the AUTO-DAC-CLR-EN
register and the CH0-ALR bit in the status register are set ('1')
CH1 alarm clear bit.
0 = CH1-ALR goes to '1' and does not force any DAC to a clear status
13
CH1-ALR-CLR
0
R/W
1 = DACn is forced to a clear status if both the ACLRn bit in the AUTO-DAC-CLR-EN
register and the CH1-ALR bit in the status register are set ('1')
CH2 alarm clear bit.
0 = CH2-ALR goes to '1' and does not force any DAC to a clear status
12
CH2-ALR-CLR
0
R/W
1 = DACn is forced to a clear status if both the ACLRn bit in the AUTO-DAC-CLR-EN
register and the CH2-ALR bit in the status register are set ('1')
CH3 alarm clear bit.
0 = CH3-ALR goes to '1' and does not force any DAC to a clear status
11
CH3-ALR-CLR
0
R/W
1 = DACn is forced to a clear status if both the ACLRn bit in the AUTO-DAC-CLR-EN
register and the CH3-ALR bit in the status register are set ('1')
Local temperature sensor low alarm clear bit.
LT-Low-ALR-
0 = LT-Low-ALR goes to '1' and does not force any DAC to a clear status
10
0
R/W
CLR
1 = DACn is forced to a clear status if both the ACLRn bit in the AUTO-DAC-CLR-EN
register and the LT-Low-ALR bit in the status register are set ('1')
Local temperature sensor high alarm clear bit.
LT-High-ALR-
0 = LT-High-ALR goes to '1' and does not force any DAC to a clear status
9
0
R/W
CLR
1 = DACn is forced to a clear status if both the ACLRn bit in the AUTO-DAC-CLR-EN
register and the LT-High-ALR bit in the status register are set ('1')
Remote temperature sensor D1 low alarm clear bit.
D1-Low-ALR-
0 = D1-Low-ALR goes to '1' and does not force any DAC to a clear status
8
0
R/W
CLR
1 = DACn is forced to a clear status if both the ACLRn bit in the AUTO-DAC-CLR-EN
register and the D1-Low-ALR bit in the status register are set ('1')
Remote temperature sensor D1 high alarm clear bit.
D1-High-ALR-
0 = D1-High-ALR goes to '1' and does not force any DAC to a clear status
7
0
R/W
CLR
1 = DACn is forced to a clear status if both the ACLRn bit in the AUTO-DAC-CLR-EN
register and the D1-High-ALR bit in the status register are set ('1')
Remote temperature sensor D2 low alarm clear bit.
D2-Low-ALR-
0 = D2-Low-ALR goes to '1' and does not force any DAC to a clear status
6
0
R/W
CLR
1 = DACn is forced to a clear status if both the ACLRn bit in the AUTO-DAC-CLR-EN
register and the D2-Low-ALR bit in the status register are set ('1')
Remote temperature sensor D2 high alarm clear bit.
D2-High-ALR-
0 = D2-High-ALR goes to '1' and does not force any DAC to a clear status
5
0
R/W
CLR
1 = DACn is forced to a clear status if both the ACLRn bit in the AUTO-DAC-CLR-EN
register and the D2-High-ALR bit in the status register are set ('1')
D1 fail alarm clear bit.
0 = D1-FAIL-ALR goes to '1' and does not force any DAC to a clear status
4
D1-FAIL-CLR
0
R/W
1 = DACn is forced to a clear status if both the ACLRn bit in the AUTO-DAC-CLR-EN
register and the D2-FAIL-ALR bit in the status register are set ('1')
D2 fail alarm clear bit.
0 = D2-FAIL-ALR goes to '1' and does not force any DAC to a clear status
3
D2-FAIL-CLR
0
R/W
1 = DACn is forced to a clear status if both the ACLRn bit in the AUTO-DAC-CLR-EN
register and the D2-FAIL-ALR bit in the status register are set ('1')
Thermal alarm clear bit.
THERM-ALR-
0 = THERM-ALR goes to '1' and does not force any DAC to a clear status
2
1
R/W
CLR
1 = DACn is forced to a clear status if both the ACLRn bit in the AUTO-DAC-CLR-EN
register and the THERM-ALR bit in the status register are set ('1')
1
—
0
R
Reserved. Writing to this bit causes no change. Reading this bit returns '0'.
0
—
0
R
Reserved. Writing to this bit causes no change. Reading this bit returns '0'.
74
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com