Electronic Components Datasheet Search
  English  ▼

X  

AMC7812B Datasheet(PDF) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AMC7812B
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AMC7812B Datasheet(HTML) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  AMC7812B Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
AMC7812B
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to +105°C, AVDD = DVDD = 4.5 V to 5.5 V, AVCC = +15 V, AGND = DGND = 0 V, IOVDD = 2.7 V to 5.5 V,
internal 2.5-V reference, and the DAC output span = 0 V to 5 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL REFERENCE
Output voltage
TA = +25°C, REF-OUT pin
2.495
2.5
2.505
V
Output impedance
0.4
Ω
Reference temperature coefficient
TA = –40°C to +125°C
10
25
ppm/°C
Output current (sourcing and sinking)
±5
mA
TA = +25°C, f = 1 kHz
260
nV/
√Hz
Output voltage noise
f = 0.1 Hz to 10 Hz
13
µVPP
ADC PERFORMANCE
ADC DC ACCURACY (for AVDD = 5 V)
Resolution
12
Bits
INL
Integral nonlinearity
TA = –40°C to +125°C
±0.5
±1
LSB
DNL
Differential nonlinearity
TA = –40°C to +125°C
±0.5
±1
LSB
Single-Ended Mode
Offset error
±1
±3
LSB
Offset error match
±0.4
LSB
Gain error
External reference
±1
±5
LSB
Gain error match
±0.4
LSB
Differential Mode
External reference, 0 V to (2 × VREF) mode,
±2
±5
LSB
VCM = 2.5 V
Gain error
External reference, 0 V to VREF mode,
±1
±5
LSB
VCM = 1.25 V
Gain error match
±0.5
LSB
0 V to (2 × VREF) mode, VCM = 2.5 V
±1
±3
LSB
Zero code error
External reference, 0 V to VREF mode,
±1
±3
LSB
VCM = 1.25 V
Zero code error match
±0.5
LSB
Common-mode rejection
At dc, 0 V to (2 × VREF) mode
67
dB
SAMPLING DYNAMICS
External single analog channel, auto mode
500
kSPS
Conversion rate
External single analog channel, direct mode
167
kSPS
Conversion time(3)
External single analog channel
2
µs
Autocycle update rate(3)
All 16 single-ended inputs enabled
32
µs
Throughput rate
SPI clock, 12 MHz or greater, single channel
500
kSPS
ANALOG INPUT(4)
TA = –40°C to +125°C, single-ended, 0 V to VREF
0
VREF
V
TA = –40°C to +125°C, single-ended,
0
2 × VREF
V
0 V to (2 × VREF)
Full-scale input voltage
TA = –40°C to +125°C, VIN+ – VIN–, fully-differential,
–VREF
+VREF
V
0 V to VREF
TA = –40°C to +125°C, VIN+ – VIN–, fully-differential,
–2 × VREF
2 × VREF
V
0 V to (2 × VREF)
Absolute input voltage
TA = –40°C to +125°C
GND – 0.2
AVDD + 0.2
V
0 V to VREF mode
118
pF
Input capacitance(3)
0 V to (2 × VREF) mode
73
pF
DC input leakage current
Unselected ADC input
±10
µA
ADC REFERENCE INPUT
Reference input voltage range
TA = –40°C to +125°C
1.2
AVDD
V
Input current
VREF = 2.5 V
145
µA
(3)
Sampled during initial release to ensure compliance; not subject to production testing.
(4)
VIN+ or VIN– must remain within GND – 0.2 V and AVDD + 0.2 V; see the Analog Inputs section.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com