Electronic Components Datasheet Search
  English  ▼

X  

AMC7812B Datasheet(PDF) 18 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AMC7812B
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AMC7812B Datasheet(HTML) 18 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AMC7812B Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 18Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 20Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 21Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 22Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
−40
−25
−10
5
20
35
50
65
80
95
110
TA (°C)
Gain = 2
VREF = 2.5V, Internal
Code = 020h
−5
−4
−3
−2
−1
0
1
2
3
4
5
−40
−25
−10
5
20
35
50
65
80
95
110
TA (°C)
Gain = 5
VREF = 2.5V, Internal
Code = 020h
TA =+25°C
Gain=5
VREF =2.5V,Internal
Code=020h
10884Channels
0
5
10
15
20
25
30
35
OffsetError(mV)
TA =+25°C
Gain=2
VREF =2.5V,Internal
Code=020h
2220Channels
0
5
10
15
20
25
30
35
OffsetError(mV)
−0.15
−0.1
−0.05
0
0.05
0.1
0.15
4.5
6
7.5
9
10.5
12
13.5
15
16.5
18
AVCC (V)
TA = +25°C
Gain = 2
VREF = 2.5V, Internal
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
12
13
14
15
16
17
18
AVCC (V)
TA = +25°C
Gain = 5
VREF = 2.5V, Internal
AMC7812B
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS: DAC (continued)
At +25°C, unless otherwise noted.
Figure 24. GAIN ERROR vs SUPPLY
Figure 25. GAIN ERROR vs SUPPLY
Figure 26. OFFSET VOLTAGE
Figure 27. OFFSET VOLTAGE
Figure 28. OFFSET VOLTAGE vs TEMPERATURE
Figure 29. OFFSET VOLTAGE vs TEMPERATURE
18
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com