Electronic Components Datasheet Search
  English  ▼

X  

AMC7812B Datasheet(PDF) 48 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AMC7812B
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AMC7812B Datasheet(HTML) 48 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AMC7812B Datasheet HTML 44Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 45Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 46Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 47Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 48Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 49Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 50Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 51Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 52Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 92 page
background image
GPIO-n
ENABLE
GPIO-nBit
(whenwriting)
V+
GPIO-nBit
(whenreading)
AMC7812B
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
www.ti.com
GENERAL-PURPOSE INPUT AND OUTPUT PINS (GPIO-0 to GPIO-7)
The device has eight GPIO pins. The GPIO-0, -1, -2 and -3 pins are dedicated to general, bidirectional, digital I/O
signals. GPIO-4, GPIO-5, GPIO-6, and GPIO-7 are dual-function pins and can be programmed as either
bidirectional digital I/O pins or remote temperature sensors D1 and D2. When D1 or D2 is disabled, the pins
function as GPIOs. These pins can receive an input or produce an output. When the GPIO-n pin functions as an
output, it has an open-drain and the status is determined by the corresponding GPIO-n bit of the GPIO register.
The output state is high impedance when the GPIO-n bit is set to '1', and is logic low when the GPIO-n bit is
cleared ('0'). Note that a 10-k
Ω pull-up resistor is required when using the GPIO-n pin as an output, see
Figure 99. The dual-function GPIO-4, -5, -6, and -7 pins should not be tied to a pull-up voltage that exceeds the
AVDD supply. The dedicated GPIO-0, -1, -2, and -3 pins are only restricted by the absolute maximum voltage. To
use the GPIO-n pin as an input, the corresponding GPIO-n bits in the GPIO register must be set to '1'. When the
GPIO-n pin functions as an input, the digital value on the pin is acquired by reading the corresponding GPIO-n
bit. After a power-on reset or any forced hardware or software reset, all GPIO-n bits are set to '1', and the GPIO-
n pin goes to a high-impedance state.
Figure 99. GPIO Pins
HARDWARE RESET
Pulling the RESET pin low performs a hardware reset. When the RESET pin is low, the device enters a reset
state and all registers are set to the default values (including the power-down register). Therefore, all function
blocks (except the internal temperature sensor) are in power-down mode. On the RESET rising edge, the device
returns to the normal operating mode. After returning to this mode, all registers remain set to the default value
until a new value is written. Note that after reset, the power-down register must be properly written in order to
activate the device. Hardware reset should only be issued when DVDD reaches the minimum specification of 2.7
V or above.
SOFTWARE RESET
Software reset returns all register settings to their default values and can be performed by writing to the software
reset register. In the case of I2C communication, any value written to this register results in a reset condition. In
the case of SPI communications, only writing the specific value of 6600h to this register resets the device. See
the Registers section for details. During reset, all communication is blocked. After issuing the reset, wait at least
30 µs before attempting to resume communication.
POWER-ON RESET (POR)
When powered on, the internal POR circuit invokes a power-on reset, which performs the equivalent function of
the RESET pin. To ensure a POR, DVDD must start from a level below 750 mV.
48
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com