Electronic Components Datasheet Search
  English  ▼

X  

AMC7812B Datasheet(PDF) 46 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AMC7812B
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AMC7812B Datasheet(HTML) 46 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AMC7812B Datasheet HTML 42Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 43Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 44Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 45Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 46Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 47Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 48Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 49Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 50Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 92 page
background image
G1
CH0-ALR Bit
EALR-CH0 Bit
D2-FAIL-ALR Bit
EALR-D2-FAIL Bit
THERM-ALR Bit
EN-ALARM Bit
ALARM
AMC7812B
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
www.ti.com
ALARM pin
The ALARM pin is a global alarm indicator. ALARM is an open-drain pin, as Figure 97 illustrates; an external
pull-up resistor is required. When the pin is activated, it goes low. When the pin is inactive, it is in Hi-Z status.
The ALARM pin functions as an interrupt to the host so that it may query the status register to determine the
alarm source. Any alarm event (including analog inputs, temperatures, diode status, and device thermal
condition) activates the pin if the alarm is not masked (the corresponding EALR bit in the alarm control register is
'1'). When the alarm pin is masked (EN-ALARM bit is '0'), the occurrence of the event sets the corresponding
status bit in status register to '1', but does not activate the ALARM pin.
Figure 97. ALARM Pin
When the ALARM-LATCH-DIS bit in the alarm control register is cleared ('0'), the alarm is latched. Reading the
status register clears the alarm status bit. Whenever an alarm status bit is set, indicating an alarm condition, the
bit remains set until the event that caused the alarm is resolved and the status register is read. The alarm bit can
only be cleared by reading the status register after the event is resolved, or by a hardware reset, software reset,
or power-on reset (POR). All bits are cleared when reading the status register, and all bits are reasserted if the
out-of-limit condition still exists after the next conversion cycle, unless otherwise noted. When the ALARM-
LATCH-DIS bit in the alarm control register is set ('1'), the ALARM pin is not latched. The alarm bit clears to '0'
when the error condition subsides, regardless of whether the bit is read or not.
46
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com