Electronic Components Datasheet Search
  English  ▼

X  

AMC7812B Datasheet(PDF) 38 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AMC7812B
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AMC7812B Datasheet(HTML) 38 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AMC7812B Datasheet HTML 34Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 35Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 36Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 37Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 38Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 39Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 40Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 41Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 42Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 92 page
background image
2N3904
D+
D-
2N3906
D+
D-
(b) PNP
(a) NPN
AMC7812B
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
www.ti.com
Filtering
Figure 88(a) and Figure 88(b) show the connection of recommended NPN or PNP transistors, respectively.
Remote junction temperature sensors are usually implemented in a noisy environment. Noise is most often
created by fast digital signals, and can corrupt measurements. The AMC7812B has a built-in 65-kHz filter on the
D+ and D– inputs to minimize the effects of noise. However, a bypass capacitor placed differentially across the
inputs of the remote temperature sensor can make the application more robust against unwanted coupled
signals. If filtering is required, the capacitance between D+ and D– should be limited to 330 pF or less for
optimum measurement performance. This capacitance includes any cable capacitance between the remote
temperature sensor and the device.
Figure 88. Remote Temperature Sensor Using Transistor
Series Resistance Cancellation
Parasitic resistance (in series with the remote diode) to the D+ and D– inputs of the device is caused by a variety
of factors, including printed circuit board (PCB) trace resistance and trace length. This series resistance appears
as a temperature offset in the remote sensor temperature measurement, and causes more than 0.45°C error per
ohm. The device implements a technology to automatically cancel out the effect of this series resistance, thus
providing a more accurate result without requiring user characterization of this resistance. With this technology,
the device is able to reduce the effects of series resistance to typically less than 0.0075°C per ohm. The
resistance cancellation is disabled when the RC bit in the temperature configuration register is cleared ('0').
Reading Temperature Data
Temperature is always read as 12-bit data. When the conversion finishes, the temperature is sent to the
corresponding temperature-data register. However, if a data transfer is in progress between the temperature-data
register and the AMC shift register, the temperature-data register is frozen until data transfer completes.
Conversion Time
The conversion time depends on the type of sensor and configuration, as shown in Table 4.
Table 4. Conversion Times
MONITORING
PROGRAMMABLE
TEMPERATURE SENSOR
CYCLE TIME (ms)
DELAY RANGE (s)
Local sensor is active, remote sensors are disabled or in power-down
15
0.48 to 3.84
One remote sensor is active and RC = 0, local sensor and one remote sensor are disabled
44
1.40 to 11.2
or in power-down
One remote sensor is active and RC = 1, local sensor and one remote sensor are disabled
93
2.97 to 23.8
or in power-down
One remote sensor and local sensor are active and RC = 0, one remote sensor is disabled
59
1.89 to 15.1
or in power-down
One remote sensor and local sensor are active and RC = 1, one remote sensor is disabled
108
3.45 to 27.65
or in power-down
Two remote sensors are active and RC = 0, local sensor is disabled or in power-down
88
2.81 to 22.5
Two remote sensors are active and RC = 1, local sensor is disabled or in power-down
186
5.95 to 47.6
All sensors are active and RC is '0'
103
3.92 to 26.38
All sensors are active and RC is '1'
201
6.43 to 51.45
38
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com