Electronic Components Datasheet Search
  English  ▼

X  

AMC7812B Datasheet(PDF) 12 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AMC7812B
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AMC7812B Datasheet(HTML) 12 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AMC7812B Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 92 page
background image
SDA
Sr
Sr
t
FDA
t
RDA
t
SU, STA
t
HD, STA
P
SCL
t
HD, DAT
t
SU, DAT
t
RCL1
(1)
t
RCL1
(1)
t
HIGH
t
LOW
t
LOW
t
RCL
t
FCL
t
HIGH
t
SU, STO
=CurrentSourcePull-Up
=ResistorPull-Up
Sr=RepeatedSTARTCondition
P=STOPCondition
AMC7812B
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
www.ti.com
(1)
First rising edge of the SCL signal after Sr and after each acknowledge bit.
Figure 2. Timing for High-Speed (Hs) Mode Devices on the I2C Bus
TIMING CHARACTERISTICS: SDA and SCL for Hs Mode
(1)
At –40°C to +105°C, AVDD = 4.5 V to 5.5 V, DVDD = 2.7 V to 5.5 V, AGND = DGND = 0 V, and IOVDD = 2.7 V to 5.5 V, unless
otherwise noted.
CB = 10 pF to 100 pF
CB = 400 pF
PARAMETER
MIN
MAX
MIN
MAX
UNIT
fSCL
(2)
SCL clock frequency
0
3.4
0
1.7
MHz
tSU, STA
Setup time for (repeated) start condition
160
—
160
—
ns
tHD, STA
Hold time (repeated) start condition
160
—
160
—
ns
tLOW
Low period of the SCL clock
160
—
320
—
ns
tHIGH
High period of the SCL clock
60
—
120
—
ns
tSU, DAT
Data setup time
10
—
10
—
ns
tHD, DAT
Data hold time
0
70
0
150
ns
tRCL
Rise time of SCL signal
10
40
20
80
ns
Rise time of SCL signal after a repeated start condition
tRCL1
10
80
20
160
ns
and after an acknowledge bit
tFCL
Fall time of SCL signal
10
40
20
80
ns
tRDA
Rise time of SDA signal
10
80
20
160
ns
tFDA
Fall time of SDA signal
10
80
20
160
ns
tSU, STO
Set-up time for stop condition
160
—
160
—
ns
CB
(3)
Capacitive load for SDA and SCL lines
10
100
—
400
pF
tSP
Pulse width of spike suppressed
0
10
0
10
ns
(1)
All values refer to VIHmin and VILmax levels.
(2)
An SCL operating frequency of at least 1 kHz is recommended to avoid activating the I2C timeout function. See the Timeout Function
section for details.
(3)
For bus line loads where CB is between 100 pF and 400 pF, the timing parameters must be linearly interpolated.
12
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com