Electronic Components Datasheet Search
  English  ▼

X  

AMC7812B Datasheet(PDF) 27 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AMC7812B
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AMC7812B Datasheet(HTML) 27 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AMC7812B Datasheet HTML 23Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 24Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 25Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 26Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 27Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 28Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 29Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 30Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 31Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
0
200
400
600
800
1000
100
1k
10k
100k
1M
Frequency (Hz)
TA = +25°C
Gain = 2
VREF = 2.5V, Internal
−20
−15
−10
−5
0
5
10
15
20
0
4
8
12
16
20
Time (s)
TA = +25°C
0
10
20
30
40
50
TemperatureDrift(ppm/°C )
30Units
TA = -40°Cto+105°C
2.495
2.497
2.499
2.501
2.503
2.505
−10
−8
−6
−4
−2
0
2
4
6
8
10
ILOAD (mA)
TA = +25°C
−40 −25 −10
5
20
35
50
65
80
95
110 125
2.495
2.497
2.499
2.501
2.503
2.505
TA (°C)
10 Units
2.499
2.4995
2.5
2.5005
2.501
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
AVDD (V)
TA = +25°C
AMC7812B
www.ti.com
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
TYPICAL CHARACTERISTICS: INTERNAL REFERENCE
At +25°C, unless otherwise noted.
Figure 69. OUTPUT VOLTAGE vs TEMPERATURE
Figure 70. OUTPUT VOLTAGE vs SUPPLY
Figure 71. OUTPUT VOLTAGE vs OUTPUT CURRENT
Figure 72. OUTPUT VOLTAGE DRIFT
Figure 73. INTERNAL REFERENCE NOISE vs FREQUENCY
Figure 74. INTERNAL REFERENCE NOISE (0.1 Hz to 10 Hz)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com