Electronic Components Datasheet Search
  English  ▼

X  

AMC7812B Datasheet(PDF) 34 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AMC7812B
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AMC7812B Datasheet(HTML) 34 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AMC7812B Datasheet HTML 30Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 31Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 32Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 33Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 34Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 35Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 36Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 37Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 38Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
SS
SDI
DAV
SetICONV
bitto ‘1’
DATA
First
Internal
Trigger
ReadData
DATA
ReadData
SetICONV
bitto ‘1’
Second
Internal
Trigger
FirstConversionof
theChannelsSpecifiedin
theADCChannelRegister
SecondConversionof
theChannelsSpecifiedin
theADCChannelRegister
SS
SDI
DAV
SetICONV
bitto ‘1’
Internal
Trigger
1 s
m
FirstConversionof
theChannelsSpecifiedin
theADCChannelRegister
SecondConversion
ThirdConversion
b)InternalTrigger,AutoMode:
a)InternalTrigger,DirectMode:
CNVT
DAV
FirstConversionof
theChannelsSpecifiedin
theADCChannelRegister
First
Trigger
b)ExternalTrigger,AutoMode:
1 s
m
CNVT
DAV
SecondConversionof
theChannelsSpecifiedin
theADCChannelRegister
ThirdConversionof
theChannelsSpecifiedin
theADCChannelRegister
First
Trigger
Second
Trigger
Third
Trigger
FirstConversionof
theChannelsSpecifiedin
theADCChannelRegister
SecondConversionof
theChannelsSpecifiedin
theADCChannelRegister
ThirdConversionof
theChannelsSpecifiedin
theADCChannelRegister
a)ExternalTrigger,DirectMode:
AMC7812B
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
www.ti.com
Figure 85. ADC External Trigger
Figure 84. ADC Internal Trigger
Data Available Pin (DAV)
DAV is an output pin that indicates the completion of ADC conversions. The DAVF bit in AMC configuration
register 0 determines the status of the DAV pin. In direct mode, after the selected group of input channels are
converted and the ADC is stopped, the DAVF bit is set to '1' and the DAV pin is driven to logic low (active). In
ADC auto mode, each time the group of input channels are sequentially converted, a 1-µs pulse (low) appears
on the DAV pin.
Convert Pin (CNVT)
CNVT is the input pin for the external ADC trigger signal. ADC channel conversions begin on the falling edge of
the CNVT pulse. If a CNVT pulse occurs when the ADC is already converting, then the ADC continues
converting the current channel. After the current channel completes, the existing conversion cycle finishes and a
new conversion cycle starts. The selected channels specified in the ADC channel registers are converted
sequentially in order of enabled channels.
Analog Input Out-of-Range Detection (see the Analog Input Out-of-Range Alarm Section)
The CH0 to CH3 analog inputs and the temperature inputs are implemented with out-of-range detection. When
any of these inputs is out of the preset range, the corresponding alarm flag in the status register is set. If any
inputs are out of range, the global out-of-range pin (ALARM) goes low. To avoid a false alarm, the device is
implemented with false-alarm protection. See the Alarm Operation section for more details.
Full-Scale Range of the Analog Input
The gain bit of the ADC gain register determines the full-scale range of the analog input. Full-scale range is VREF
when ADGn = 0, or (2 × VREF) when ADGn = 1. If a channel pair is configured for differential operation, the input
ranges are either ±VREF or ±(2 × VREF). In (2 × VREF) mode, the input is effectively divided by two before the
conversion takes place. Each input must not exceed the supply value of AVDD + 0.2 V or AGND – 0.2 V. When
the REF-OUT pin is connected to the REF-ADC pin, the internal reference is used as the ADC reference. When
an external reference voltage is applied to the REF-ADC pin, the external reference is used as the ADC
reference.
34
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com