Electronic Components Datasheet Search
  English  ▼

X  

AMC7812B Datasheet(PDF) 5 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AMC7812B
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AMC7812B Datasheet(HTML) 5 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  AMC7812B Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
AMC7812B
www.ti.com
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to +105°C, AVDD = DVDD = 4.5 V to 5.5 V, AVCC = +15 V, AGND = DGND = 0 V, IOVDD = 2.7 V to 5.5 V,
internal 2.5-V reference, and the DAC output span = 0 V to 5 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL ADC REFERENCE BUFFER
Offset
TA = +25°C
±5
mV
INTERNAL TEMPERATURE SENSOR
Operating range
–40
+125
°C
AVDD = 5 V, TA = –40°C to +125°C
±1.25
±2.5
°C
Accuracy
AVDD = 5 V, TA = 0°C to +100°C
±1.5
°C
Resolution
Per LSB
0.125
°C
Conversion rate
External temperature sensors are disabled
15
ms
EXTERNAL TEMPERATURE SENSOR (Using 2N3906 external transistor)
Operating range
Limited by external diode
–40
+150
°C
AVDD = 5 V, TA = 0°C to +100°C,
±1.5
°C
TD = –40°C to +150°C
Accuracy(5)(6)
AVDD = 5 V, TA = –40°C to +100°C,
±2
°C
TD = –40°C to +150°C
Resolution
Per LSB
0.125
°C
With resistance cancellation
72
93
100
ms
(RC bit = '1')
Conversion rate per sensor
Without resistance cancellation
33
44
47
ms
(RC bit = '0')
DIGITAL LOGIC: GPIO(7)(8) and ALARM
IOVDD = +5 V
2.1
0.3 + IOVDD
V
VIH
Input high voltage
TA = –40°C to +125°C, IOVDD = +3.3 V
2.2
0.3 + IOVDD
V
IOVDD = +5 V
–0.3
0.8
V
VIL
Input low voltage
TA = –40°C to +125°C, IOVDD = +3.3 V
–0.3
0.7
V
TA = –40°C to +125°C, IOVDD = +5 V, sinking 5 mA
0.4
V
VOL
Output low voltage
TA = –40°C to +125°C, IOVDD = +3.3 V,
0.4
V
sinking 2 mA
High-impedance leakage
5
µA
High-impedance output capacitance
10
pF
DIGITAL LOGIC: All Except SCL, SDA, ALARM, and GPIO
IOVDD = +5 V
2.1
0.3 + IOVDD
V
VIH
Input high voltage
TA = –40°C to +125°C, IOVDD = +3.3 V
2.2
0.3 + IOVDD
V
IOVDD = +5 V
–0.3
0.8
V
VIL
Input low voltage
TA = –40°C to +125°C, IOVDD = +3.3 V
–0.3
0.7
V
Input current
±1
µA
Input capacitance
5
pF
IOVDD = +5 V, sourcing 3 mA
4.8
V
VOH
Output high voltage
IOVDD = +3.3 V, sourcing 3 mA
2.9
V
IOVDD = +5 V, sinking 3 mA
0.4
V
VOL
Output low voltage
IOVDD = +3.3 V, sinking 3 mA
0.4
V
High-impedance leakage
±5
µA
High-impedance output capacitance
10
pF
(5)
TD is the external diode temperature.
(6)
Auto conversion mode disabled.
(7)
For pins GPIO0 to GPIO3, the external pull-up resistor must be connected to a voltage less than or equal to 5.5 V.
(8)
For pins GPIO4 to GPIO7, the external pull-up resistor must be connected to a voltage less than or equal to AVDD.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com