Electronic Components Datasheet Search
  English  ▼

X  

AMC7812B Datasheet(PDF) 65 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AMC7812B
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AMC7812B Datasheet(HTML) 65 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AMC7812B Datasheet HTML 61Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 62Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 63Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 64Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 65Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 66Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 67Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 68Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 69Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
AMC7812B
www.ti.com
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
DAC-n-Data Registers (Read or Write, Addresses = 33h to 3Eh, Default 0000h)
Each DAC has a DAC data register to store the data (DAC[11:0]) that are loaded into the DAC latches.
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
0
0
0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Bits[11:0]
DAC data.
DAC-n-CLR-Setting Registers (Read or Write, Addresses = 3Fh to 4Ah, Default 0000h)
Each DAC has a DAC-CLR-setting register to store the data to be loaded into the DAC latch when the DAC is
cleared.
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DCLR
DCLR
DCLR
DCLR
DCLR
DCLR
DCLR
DCLR
DCLR
DCLR
DCLR
DCLR
0
0
0
0
11
10
9
8
7
6
5
4
3
2
1
0
GPIO Register (Read or Write, Address = 4Bh, Default = 00FFh)
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
GPIO-
GPIO-
GPIO-
GPIO-
GPIO-
GPIO-
GPIO-
GPIO-
0
0
0
0
0
0
0
0
7
6
5
4
3
2
1
0
For write operations, the GPIO pin operates as an output. Writing a '0' sets the GPIO-n pin to logic low. An
external pull-up resistor is required when using the GPIO pin as an output. Writing a '1' to the GPIO-n bit sets the
GPIO-n pin to high impedance.
For read operations, the GPIO pin operates as an input. Read the GPIO-n bit to receive the status of the GPIO-n
pin. Reading a '0' indicates that the GPIO-n pin is low; reading a '1' indicates that the GPIO-n pin is high.
After power-on reset, or any forced hardware or software reset, the GPIO-n bit is set to '1' and is in a high-
impedance state.
When D1 is enabled, GPIO-4 and GPIO-5 are ignored.
When D2 is enabled, GPIO-6 and GPIO-7 are ignored.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
65
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com