Electronic Components Datasheet Search
  English  ▼

X  

AMC7812B Datasheet(PDF) 76 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AMC7812B
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AMC7812B Datasheet(HTML) 76 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AMC7812B Datasheet HTML 72Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 73Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 74Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 75Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 76Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 77Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 78Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 79Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 80Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
AMC7812B
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
www.ti.com
HW-DAC-CLR-EN 1 Register (Read or Write, Address = 57h, Default = 0000h)
This register determines which DAC is in a clear state when the DAC-CLR-1 pin goes low.
MSB
LSB
BIT
BIT
BIT
BIT
15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
2
1
0
H1CLR
H1CLR
H1CLR
H1CLR
H1CLR
H1CLR
H1CLR
H1CLR
H1CLR
H1CLR
H1CLR
H1CLR
0
0
0
0
11
10
9
8
7
6
5
4
3
2
1
0
Bits[14:3]
H1CLRn
Hardware clear DAC-n enable 1 bit.
0 = Pulling the DAC-CLR-1 pin low does not effect the state of DAC-n
1 = DAC-n is forced into a clear state when the DAC-CLR-1 pin goes low
DAC Configuration Register (Read or Write, Address = 58h, Default = 0000h)
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
SLDA
SLDA
SLDA
SLDA
SLDA
SLDA
SLDA
SLDA
SLDA
SLDA
SLDA
SLDA
0
0
0
0
11
10
9
8
7
6
5
4
3
2
1
0
Bits[11:0]
SLDA-n
DAC synchronous load enable bit.
0 = Asynchronous load is enabled. A write command to the DAC-n-data register immediately updates the DAC-n latch
and the output of DAC-n. The synchronous load DAC signal (ILDAC) does not affect DACn. the default value of SLDA-n
is '0'. The device updates the DAC latch only if the ILDAC bit is set ('1'), thereby eliminating unnecessary glitches. Any
DAC channels that are not accessed are not reloaded. When the DAC latch is updated, the corresponding output
changes to the new level immediately. Note that the SLDA-n bit is ignored in auto mode (DAC-n mode bits do not equal
'00'). In auto mode, the DAC latch is always updated asynchronously.
1 = Synchronous load is enabled. When internal load DAC signal ILDAC occurs, the DAC-n latch is loaded with the value
of the corresponding DACn-data register, and the output of DAC-n is updated immediately. The internal load DAC signal
ILDAC is generated by writing a '1' to the ILDAC bit in the AMC configuration register. In synchronous load, a write
command to the DAC-n-data register updates that register only, and does not change the DAC-n output.
NOTE
The DACs can be forced to a clear state immediately by the external DAC-CLR-n signal,
by alarm events, and by writing to the SW-DAC-CLR register. In these cases, the SLDA-n
bit is ignored.
DAC Gain Register (Read or Write, Address = 59h, Default = 0000h)
The DACn GAIN bits specify the output range of DACn.
MSB
LSB
BIT 15 BIT 14 BIT 13 BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DAC11
DAC10
DAC9
DAC8
DAC7
DAC6
DAC5
DAC4
DAC3
DAC2
DAC1
DAC0
0
0
0
0
GAIN
GAIN
GAIN
GAIN
GAIN
GAIN
GAIN
GAIN
GAIN
GAIN
GAIN
GAIN
Bits[11:0]
DACnGAIN: DACn gain bits.
1 = Gain is 5 and the output is 0 V to 5 × VREF
0 = Gain is 2 and the output is 0 V to 2 × VREF
76
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com