Electronic Components Datasheet Search
  English  ▼

X  

AMC7812B Datasheet(PDF) 3 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AMC7812B
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AMC7812B Datasheet(HTML) 3 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  AMC7812B Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
AMC7812B
www.ti.com
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +105°C, AVDD = DVDD = 4.5 V to 5.5 V, AVCC = +15 V, AGND = DGND = 0 V, IOVDD = 2.7 V to 5.5 V,
internal 2.5-V reference, and the DAC output span = 0 V to 5 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC PERFORMANCE
DAC DC ACCURACY
Resolution
12
Bits
TA = –40°C to +105°C, measured by line passing
±1
LSB
through codes 020h and FFFh
INL
Relative accuracy
TA = –40°C to +125°C, measured by line passing
±1.25
LSBs
through codes 020h and FFFh
TA = –40°C to +125°C, measured by line passing
DNL
Differential nonlinearity
±0.3
±1
LSB
through codes 020h and FFFh
TA = +25°C, DAC output = 5.0 V
±10
mV
TUE
Total unadjusted error
TA = +25°C, DAC output = 12.5 V
±30
mV
TA = +25°C, DAC output = 0 V to +5 V,
±2
mV
code 020h
Offset error
TA = +25°C, DAC output = 0 V to +12.5 V,
±5
mV
code 020h
Offset error temperature coefficient
±1
ppm/°C
TA = –40°C to +125°C, external reference,
±0.025
±0.15
%FSR
output = 0 V to +5 V
Gain error
TA = –40°C to +125°C, external reference,
–0.15
±0.3
%FSR
output = 0 V to +12.5 V
Gain temperature coefficient
±2
ppm/°C
DAC OUTPUT CHARACTERISTICS
TA = –40°C to +125°C, VREF = 2.5 V, gain = 2
0
5
V
Output voltage range(1)
TA = –40°C to +125°C, VREF = 2.5 V, gain = 5
0
12.5
V
DAC output = 0 V to +5 V, code 400h to C00h,
Output voltage settling time(2)
to 1/2 LSB, from CS rising edge, RL = 2 kΩ,
3
µs
CL = 200 pF
Slew rate(2)
1.5
V/µs
Short-circuit current(2)
Full-scale current shorted to ground
30
mA
Source within 200 mV of supply, TA = +25°C
+10
mA
Sink within 300 mV of supply, TA = +25°C
–10
mA
Load current
DAC output = 0 V to +5 V, code B33h. Source and
sink with voltage drop < 25 mV,
±8
mA
TA = –40°C to +95°C
Capacitive load stability(2)
RL = infinite
10
nF
DC output impedance(2)
Code 800h
0.3
Ω
Power-on overshoot
AVCC 0 V to 5 V, 2-ms ramp
5
mV
Digital-to-analog glitch energy
Code changes from 7FFh to 800h, 800h to 7FFh
0.15
nV-s
Digital feedthrough
Device is not accessed
0.15
nV-s
TA = +25°C, at 1 kHz, code 800h, gain = 2,
81
nV/
√Hz
excludes reference
Output noise
f = 0.1 Hz to 10 Hz, excludes reference
8
µVPP
DAC REFERENCE INPUT
Reference voltage input range
TA = –40°C to +125°C, REF-DAC pin
1
2.6
V
Input current(2)
VREF = 2.5 V
170
µA
(1)
The output voltage must not be greater than AVCC. See the DAC Output section for further details.
(2)
Sampled during initial release to ensure compliance; not subject to production testing.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com