Electronic Components Datasheet Search
  English  ▼

X  

TST24AS00 Datasheet(PDF) 19 Page - ITT Industries

Part # TST24AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS00 Datasheet(HTML) 19 Page - ITT Industries

Back Button TST24AS00 Datasheet HTML 15Page - ITT Industries TST24AS00 Datasheet HTML 16Page - ITT Industries TST24AS00 Datasheet HTML 17Page - ITT Industries TST24AS00 Datasheet HTML 18Page - ITT Industries TST24AS00 Datasheet HTML 19Page - ITT Industries TST24AS00 Datasheet HTML 20Page - ITT Industries TST24AS00 Datasheet HTML 21Page - ITT Industries TST24AS00 Datasheet HTML 22Page - ITT Industries TST24AS00 Datasheet HTML 23Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 96 page
background image
19
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Plug Connector
• Socket contacts must be ordered separately
for the plug connectors, see page 64.
Part Numbers — Plug Connector
Number of
D
Contacts
Part Number
Nomenclature
max.
3
192990-0960
TST03PF00
16,10 (.633)
4
192990-0970
TST04PF00
21,20 (.834)
6
192990-0980
TST06PF00
31,40 (1.236)
9
192990-0990
TST09PF00
46,60 (1.834)
10
192990-1000
TST10PF00
51,60 (2.031)
Typical Nomenclature:
TST
03
P
F
0
0
Series
TST = Trident Snap Together
Number of Contacts
03
04
06
09
10
Plating Style
* = None (Plug only)
T = Tin
Y = 0,4 mm Gold overall
Z = Gold Flash
Contact Type
0 = No Contacts (Standard for Plug and Panel
Mounted Receptacle)
1 = Machined Solder Tail Pin
2 = Machined Solder Tail Socket
5 = Formed Stamped Solder Tail Pin
6 = Formed Stamped Solder tail Socket
Color of Moulding
0 = Black
Cannon Trident Connectors
Snap Together - Slimline
*
How to Order
Pack of 100
Materials and Finishes
Variant
RD PCB Receptacle; Straight Contacts
RE PCB Receptacle; 90
° Contacts
PF Plug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com