Electronic Components Datasheet Search
  English  ▼

X  

TST24AS00 Datasheet(PDF) 81 Page - ITT Industries

Part # TST24AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS00 Datasheet(HTML) 81 Page - ITT Industries

Back Button TST24AS00 Datasheet HTML 77Page - ITT Industries TST24AS00 Datasheet HTML 78Page - ITT Industries TST24AS00 Datasheet HTML 79Page - ITT Industries TST24AS00 Datasheet HTML 80Page - ITT Industries TST24AS00 Datasheet HTML 81Page - ITT Industries TST24AS00 Datasheet HTML 82Page - ITT Industries TST24AS00 Datasheet HTML 83Page - ITT Industries TST24AS00 Datasheet HTML 84Page - ITT Industries TST24AS00 Datasheet HTML 85Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 96 page
background image
81
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Universal Endbell
The Universal Endbell is suitable to accept
shielded and unshielded cable. This cable is
sealed with a highly flexible seal and an
additional sealing ring with a flexible plastic
cable clamp serving as a strain relief. The
Universal Endbell can be screwed onto plug
and receptacle connectors. The O-ring and
the cable sealing meet IP67.
Assembly Instructions:
1. Slide O-ring over the back of the
connector body.
2. Slide the endbell components onto
the cable in the following order:
• Clamp Nut
• Cable Grip1
• Cable Seal2
• Housing
• Grounding Ring
• Support Sleeve
• O-Ring
Note: 1. The compression fingers of the
Cable Grip face toward the connector.
Note: 2. Isopropyl alcohol will lubricate the
Cable Seal making it easier to slide over the
cable.
3. Cut back the Outside Jacket to expose
25,40 (1.000) of Braid followed by 12,70
(.500) of Insulated Wires.
4. Terminate the wires and insert contacts
per assembly instructions, see page 77.
5. Slide the Support Sleeve down until it
reaches the back of the connector.
6. Pull the Braid over the Grounding Ring.
7. Slide the Grounding Ring down until it
snaps onto the Support Sleeve. The Braid
should be secured between the Support
Sleeve and the Grounding Ring. Fold any
excess shielding over the Grounding Ring.
8. Slide the Housing over the Grounding
Ring and the Support Sleeve and screw it
into the connector body. The recommended
torque is 10 ± 1 Nm (88.50 in lbs).
9. Slide the Cable Seal and Cable Grip onto
the Housing.
10. Tighten the Clamp Nut into the
Housing. The recommended torque is
10 ± 1 Nm (88.50 in lbs).
Universal Endbell Assembly
Wire Strip Length
Shell Size
AB
C
10
38,00 (1.500)
22,00 (.870)
*
12
38,00 (1.500)
22,00 (.870)
*
14
40,00 (1.600)
24,00 (.950)
*
16
40,00 (1.600)
24,00 (.950)
*
* Strip length will vary based on the contact selected, see page 64-65.
Wire Strip Length
Assembly Instructions
Cannon Trident Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com