Electronic Components Datasheet Search
  English  ▼

X  

TST24AS00 Datasheet(PDF) 37 Page - ITT Industries

Part # TST24AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS00 Datasheet(HTML) 37 Page - ITT Industries

Back Button TST24AS00 Datasheet HTML 33Page - ITT Industries TST24AS00 Datasheet HTML 34Page - ITT Industries TST24AS00 Datasheet HTML 35Page - ITT Industries TST24AS00 Datasheet HTML 36Page - ITT Industries TST24AS00 Datasheet HTML 37Page - ITT Industries TST24AS00 Datasheet HTML 38Page - ITT Industries TST24AS00 Datasheet HTML 39Page - ITT Industries TST24AS00 Datasheet HTML 40Page - ITT Industries TST24AS00 Datasheet HTML 41Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 96 page
background image
37
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Typical Nomenclature: TN
7S
24 - 1219
P1
B
Series
TN
= Trident Neptune
Shell Style
0 = Flange Receptacle (4 holes)
6 = Plug
7 = Jam Nut Receptacle
Sealing Class
G = Grommet, no nut
L = Large Grommet, extender and nut
(Size 24-0048
only, Jam Nut Receptacle not supported )
S = With Grommet and nut
U = Unsealed
Modification
*
= Standard
01
= Jam Nut Receptacles bulk
packages are delivered without nut
See page 50 for Spare Jam Nuts
Packaging
B
= Bulk (100 pcs)
L= Single Pack
Connector Finish Materials
1
= Standard (Nickel Plated Metal Parts)
2= Plastic Coupling Nut
(TN plug shell
sizes 16 and 24 only)
Contact Type
P
= Pin
S= Socket
Shell Size and Contact Arrangement
Shell Size
Number of
Power Contacts
Number of
Signal Contacts
14
-
00
12
16
-
00
19
16
-
02
13
24
-
12
19
24
-
04
20
24
-
04
28
24
-
00
48
Test
Method
Criteria of Acceptance
Dielectric Withstanding Voltage
2000 V ac
No breakdown
Thermal Shock
-55°C to +120°C (-67°F to +248°F)
No physical damage
Physical Shock
40 g’s peak, 3 axes,
No physical damage.
6 millisecond duration half-sine pulse
No loss of continuity >10 sec
Vibration
10 g’s peak,10-500 Hz
No physical damage,
No loss of continuity >10 sec
Durability
500 cycles of mating and unmating,
No mechanical or
500 mating cycles max
electrical defects
Salt Spray
48 hours
Shall be capable of mating and unmat
ing and meet contact resistance
requirements
High Temperature Endurance
1000 hours at 85°C (+185°F)
Insulation Resistance > 100 M
W
250 hours at 120°C (+248°F)
Humidy Steady State
RH 90-95%, 40°C (+104°F), 504 hours
Insulation Resistance > 100 M
W
The table below summarizes the results of key tests. Data is applicable to standard connectors with standard contacts.
Variations may affect this data, so please consult factory for further information on your requirements.
Test Specifications
01
How to Order-Connectors
Neptune Circular Connectors
Cannon Trident Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com