Electronic Components Datasheet Search
  English  ▼

X  

TST24AS00 Datasheet(PDF) 28 Page - ITT Industries

Part # TST24AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS00 Datasheet(HTML) 28 Page - ITT Industries

Back Button TST24AS00 Datasheet HTML 24Page - ITT Industries TST24AS00 Datasheet HTML 25Page - ITT Industries TST24AS00 Datasheet HTML 26Page - ITT Industries TST24AS00 Datasheet HTML 27Page - ITT Industries TST24AS00 Datasheet HTML 28Page - ITT Industries TST24AS00 Datasheet HTML 29Page - ITT Industries TST24AS00 Datasheet HTML 30Page - ITT Industries TST24AS00 Datasheet HTML 31Page - ITT Industries TST24AS00 Datasheet HTML 32Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 96 page
background image
28
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Cannon Trident Connectors
Ringlock Circular Connectors
Contact Cavity Arrangements
Mating Face View, Standard Plug
(Mating Face View, Reversed Plug is mirror image)
Shell Size 10
Shell Size 12
Shell Size 14
4
8
12
Shell Size 20
Shell Size 22
Shell Size 24
28
35
48
Shell Size 16
Shell Size 18
Shell Size 18
19
7 (VDE 0110)*
23
Shell Size
Number of Contacts
* Meets creepage and clearance requirements according to VDE 0110.
Note: The shell size indicates the diameter of the interface in sixteenths of an inch.
Example: Shell size 16 is 1.00 inch in diameter, 25,4 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com