Electronic Components Datasheet Search
  English  ▼

X  

TST24AS00 Datasheet(PDF) 73 Page - ITT Industries

Part # TST24AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS00 Datasheet(HTML) 73 Page - ITT Industries

Back Button TST24AS00 Datasheet HTML 69Page - ITT Industries TST24AS00 Datasheet HTML 70Page - ITT Industries TST24AS00 Datasheet HTML 71Page - ITT Industries TST24AS00 Datasheet HTML 72Page - ITT Industries TST24AS00 Datasheet HTML 73Page - ITT Industries TST24AS00 Datasheet HTML 74Page - ITT Industries TST24AS00 Datasheet HTML 75Page - ITT Industries TST24AS00 Datasheet HTML 76Page - ITT Industries TST24AS00 Datasheet HTML 77Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 96 page
background image
73
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Coaxial Contacts —
Cable Type and Cable Strip Length
Cable Type — A
T3203
T3306
RG174
T3204
T3385
RG179
T3264
T3388
RG187
T3289
T3390
RG188
7528A/31
Cable Type — B
T3201
T3293
RG178
T3202
T3294
RG196
T3261
T3386
7530A/1114
T3263
UR94
5088A/1317
LN00029
7530D/1114
C06C030
LGRZ/4016
Part Number: 192945-4390
Part Number: 192945-4530
Outer Male Contact Assembly
Cable Type — Twisted Pair
Insulation
Dimension
Diameter
XY
0,56 (.022) - 1,12 (.044)
4,80 (.189)
6,30 (.248)
Less than 0,56 (.022)
5,10 (.200)
13,00 (.512)
Part Number: 192945-4930 & 192945-4530
Description
Part Number
Pack Size
Discriminating (Keying) Pin,
Signal Contacts
192990-0000
Bulk Pack (25)
Discriminating (Keying) Pin,
Power Contacts
192900-0189
Bulk Pack (25)
Discriminating (Keying) Cap,
Pin Contacts
192990-0010
Bulk Pack (100)
Discriminating (Keying) Peg,
Socket Contacts
192990-7650
Bulk Pack (100)
Outer Male Contact Assembly
Part Number: 192943-4580
Part Number: 192945-4930
Outer Male Contact Assembly
Outer Male Contact Assembly
Coaxial Contacts and Accessories
Cannon Trident Connectors
Accessories
Discriminating (Keying)
Pins and Caps
Discriminating (Keying) Pins are used to prevent cross-mating
of similar connectors. These pins are used in place of a pin
contact. The corresponding socket cavity must be left open. If
a socket contact is present, the discriminating pin will prevent
mating. There are two types of discriminating pins. Board
Mount PCB connectors have caps and pegs. All other
connectors have signal or power pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com