Electronic Components Datasheet Search
  English  ▼

X  

TST24AS00 Datasheet(PDF) 75 Page - ITT Industries

Part # TST24AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS00 Datasheet(HTML) 75 Page - ITT Industries

Back Button TST24AS00 Datasheet HTML 71Page - ITT Industries TST24AS00 Datasheet HTML 72Page - ITT Industries TST24AS00 Datasheet HTML 73Page - ITT Industries TST24AS00 Datasheet HTML 74Page - ITT Industries TST24AS00 Datasheet HTML 75Page - ITT Industries TST24AS00 Datasheet HTML 76Page - ITT Industries TST24AS00 Datasheet HTML 77Page - ITT Industries TST24AS00 Datasheet HTML 78Page - ITT Industries TST24AS00 Datasheet HTML 79Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 96 page
background image
75
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Mini Applicators
(for Stamped Contacts)
AWG
Contact
Mecal
Size
Description
Part Number
14-16
Trident Signal
121586-5240
16-18
Trident Signal
121586-5217
20-26
Trident Signal
121586-5239
12-14
Trident 30 A Power
*
14-16
Trident 30 A Power
*
18-20
Trident 30 A Power
*
Mini Applicators are interchangeable
modules that will fit into many
standard crimping machines. They are
available for all sizes of stamped sig-
nal and power contacts.
* For details please consult the factory
Part
Nomenclature Description
Number
AWG
WA27F-CE Pneumatic Crimp Tool 121586-5067
12-20
WA22F-CE Pneumatic Crimp Tool 121586-5070
20-32
BM-2
Bench Mount
121586-5068
WA10
Foot Pedal
121586-5069
Pneumatic Table Crimp Tool
(for Machined Contacts)
This Hand Crimp Tool fully meets the
requirements of specification MIL-C-22520.
The tool produces eight-indent crimp termi-
nations of excellent quality. Together with
the bench mount BM-2 and the food pedal
WA-10 it becomes an installed tool facilitat-
ing the work: The Hands of the operator are
free to insert the contact and the wire and
to remove the terminated contact.
Part
Nomenclature
Description
Number
HACS-5
Semi-Automated Crimp Machine 120090-0118
Semi-Automated
Crimp Machine HACS-5
(for Machined Contacts)
With the semi-automated crimp
machine HACS-5 machined contacts are
terminated fast and reliably. 20 to 25
crimp terminations per minute can be
achieved. The user has the choice
between automatic and manual opera-
tion.
Electrical Data
Protection Class: IP51
Electrical Power: 240 V ac, 50 Hz
Automatic Application Tools
Cannon Trident Connectors
Description
Part Number
Testing Gauge
317-8675-133
Testing Gauge
(for Stamped Contacts)
The testing gauge will be helpful to check
whether a crimp is ok or not.
The contact should be inserted into the
test fixture without scratching the test
hole (diameter 3.3 mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com