Electronic Components Datasheet Search
  English  ▼

X  

TST24AS00 Datasheet(PDF) 21 Page - ITT Industries

Part # TST24AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS00 Datasheet(HTML) 21 Page - ITT Industries

Back Button TST24AS00 Datasheet HTML 17Page - ITT Industries TST24AS00 Datasheet HTML 18Page - ITT Industries TST24AS00 Datasheet HTML 19Page - ITT Industries TST24AS00 Datasheet HTML 20Page - ITT Industries TST24AS00 Datasheet HTML 21Page - ITT Industries TST24AS00 Datasheet HTML 22Page - ITT Industries TST24AS00 Datasheet HTML 23Page - ITT Industries TST24AS00 Datasheet HTML 24Page - ITT Industries TST24AS00 Datasheet HTML 25Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
21
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Cannon Trident Connectors
Snap Together - Slimline
Receptacle
for 90° Pin Contacts
• For gold plated versions extended
earth pins are available in any one
or two positions. Contact your local
Cannon Sales Office for further details.
Number of
Contacts
Part Number
Nomenclature
3
192991-0532
TST03RE01Y
4
192991-0533
TST04RE01Y
6
192991-0534
TST06RE01Y
9
192991-0535
TST09RE01Y
10
192991-0538
TST10RE01Y
Tin Plated Version
Dimensions (max.)
Part Number
Nomenclature
AB
C
192991-0317
TST03RE01T
31,40 (1.236)
19,40 (.763)
25,50 (1.003)
192991-0319
TST04RE01T
36,50 (1.437)
14,50 (.964)
30,60 (1.204)
192991-0321
TST06RE01T
46,70 (1.838)
34,70 (1.366)
40,70 (1.602)
192991-0323
TST09RE01T
61,90 (2.437)
49,90 (1.964)
56,00 (2.204)
192991-0325
TST10RE01T
67,00 (2.637)
55,00 (2.165)
61,10 (2.405)
Number of
D
Contacts
max.
3
25,50 (1.003)
4
30,60 (1.204)
6
40,70 (1.602)
9
56,00 (2.204)
10
61,10 (2.405)
PCB Layout
Gold Plated Version
0,4 µm (16µin.) min. Gold
Pack of 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com