Electronic Components Datasheet Search
  English  ▼

X  

TST24AS00 Datasheet(PDF) 52 Page - ITT Industries

Part # TST24AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS00 Datasheet(HTML) 52 Page - ITT Industries

Back Button TST24AS00 Datasheet HTML 48Page - ITT Industries TST24AS00 Datasheet HTML 49Page - ITT Industries TST24AS00 Datasheet HTML 50Page - ITT Industries TST24AS00 Datasheet HTML 51Page - ITT Industries TST24AS00 Datasheet HTML 52Page - ITT Industries TST24AS00 Datasheet HTML 53Page - ITT Industries TST24AS00 Datasheet HTML 54Page - ITT Industries TST24AS00 Datasheet HTML 55Page - ITT Industries TST24AS00 Datasheet HTML 56Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 96 page
background image
52
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Cannon Trident Connectors
TNM Circular Connectors
TNM (Trident Neptune Metal) is specifically designed to meet the
needs of systems that require shielding, sealing, and the extra
durability of a metal shell. The combination of Trident contacts,
membrane seals, and the Universal Shielded Endbell* make TNM
both cost effective and easy to assemble.
TNM features nickel plated zinc alloy shells and UL 94 V-0 rated
thermoplastic insulators. All TNM receptacles are supplied with an
interfacial seal to provide sealing between connectors to IP67. In
addition, a membrane seal is available for those applications
requiring the sealing of discrete wires a the rear of the connector.
In order to seal multicore jacketed cables to connectors an endbell
is available. This has ‘O’ ring sealing to the connector and second
seal to the cable jacket. All TNM Circular Connectors are RoHS
Compliant.
Applications
• Antennas.
• Industrial electronics.
• Heavy duty equipment.
• Servo Motors.
• Robotics/ Control Panel.
• Industrial Instrumentation.
*Patent pending
Performance Specifications
Materials and Finishes
Shell
Nickel Plated Zinc Alloy
Insulator
Black Nylon
Coupling Ring
Nickel Plated Brass
Seal
Rubber
Operating Voltage1 Up to 250 V ac rms
Contact Current Rating2 Up to 13 A; Up to 16 A with High
Conductivity Contacts;
Up to 30 A with Power Contacts;
Up to 40 A with D Sub Contacts
Operating Temperature -55°C to +105°C (-67°F to +221°F)
Insulation Resistance 5000MW min. at 500 V dc
Durability3 Up to 200 Mating Cycles
Environmental Sealing Up to IP67
Flammability UL 94 V-0
1 Depends on contacts used, layout, and degree of pollution
2 Depends on type and number of contacts used
3 Depends on plating and type of contacts used
Test
Method
Criteria of Acceptance
Dielectric Withstanding Voltage
2000 V ac rms
No breakdown
Thermal Shock
-55
°C to +125°C (-67°F to +257°F), 5 cycles
No physical damage
Physical Shock
40 g‘s peak, 3 axes, 6 millisecond
No physical damage
duration half-sine pulse
No loss of continuity > 10 µsec
Vibration
10 g’s peak, 10-500 Hz, 9 hours
No physical damage
No loss of continuity > 10 µsec
Durability
200 cycles of mating and unmating
Capable of mating and unmating
200 mating cycles max.
and meeting contact resistance requirements
Salt Spray
48 hours
Capable of mating and unmating
and meeting contact resistance requirements
High Temperature Endurance
100 hours at 85
°C (+185°F),
16 hours at 105
°C (+221°F)
Insulation Resistance > 100 MW
Humidty Steady State
RH 90-95%, 40
°C (+104°F) , 504 hours
Insulation Resistance > 100 MW
Test Specifications
The table below summarizes the results of key tests performed. Data is applicable to standard connectors with standard
cotnacts. Variations may affect this data, so please consult factory for further information on your requirements.
Product Features
• Accepts Trident signal, printed circuit, and
coaxial contacts.
• Mixed signal and 30 A power contact version.
• Can be sealed to IP67.
• 360° shielding.
• Easy to assemble.
• Recognized under the component program of UL Inc. and CSA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com