Electronic Components Datasheet Search
  English  ▼

X  

TST24AS00 Datasheet(PDF) 68 Page - ITT Industries

Part # TST24AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS00 Datasheet(HTML) 68 Page - ITT Industries

Back Button TST24AS00 Datasheet HTML 64Page - ITT Industries TST24AS00 Datasheet HTML 65Page - ITT Industries TST24AS00 Datasheet HTML 66Page - ITT Industries TST24AS00 Datasheet HTML 67Page - ITT Industries TST24AS00 Datasheet HTML 68Page - ITT Industries TST24AS00 Datasheet HTML 69Page - ITT Industries TST24AS00 Datasheet HTML 70Page - ITT Industries TST24AS00 Datasheet HTML 71Page - ITT Industries TST24AS00 Datasheet HTML 72Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 96 page
background image
68
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
T3P Contacts
Cannon Trident Connectors
Typical Nomenclature:
T3P
16
M
C
1
LT
Series
T3P = Three Part machined Contact
Gender
M = Male (Pin)
F
= Female (Socket)
Plating
T
= Tin
X
=3m-m (120m in.) Gold
Y= Gold
Z= Gold Flash (only for Pin Contacts)
Packaging
L
= Loose (bag of 100)
Overview - T3P Contacts
Type and Configuration Variant
AWG Size
Gender
Crimp Contacts
16
C
1
No insulation support, Black colorband
20
C
1
Insulation dia
∅1,6 (.062)-2,1 (.082), Green colorband
22
C
1
Insulation dia
∅1,6 (.062)-2,15 (.084), Red colorband
24
C
1
Insulation dia
∅1,05 (.041)-1,6 (.062), Blue colorband
26
C
1
Insulation dia
∅0,9 (.035)-1,4 (.055), Black colorband
Earth Contact
16
E
1
Extended contractzone, Black colorband
20
E
1
Green colorband
Solder Cup Contact
16
S
1
Flow Solder Contact
20
F
1
∅0,76 (.030) short (female only)
20
F
3
∅0,76 (.030) long (female only)
20
F
5
∅0,71 (.028)
20
F
11
∅1,50 (.059) (TN)
Note: This overview shows available options for formed (stamped) T3P contacts. The T3P nomenclature above appears
as our description on ITT paperwork, etc, and this is for reference only. To order use the order codes on the following
page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com