Electronic Components Datasheet Search
  English  ▼

X  

TST24AS00 Datasheet(PDF) 38 Page - ITT Industries

Part # TST24AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS00 Datasheet(HTML) 38 Page - ITT Industries

Back Button TST24AS00 Datasheet HTML 34Page - ITT Industries TST24AS00 Datasheet HTML 35Page - ITT Industries TST24AS00 Datasheet HTML 36Page - ITT Industries TST24AS00 Datasheet HTML 37Page - ITT Industries TST24AS00 Datasheet HTML 38Page - ITT Industries TST24AS00 Datasheet HTML 39Page - ITT Industries TST24AS00 Datasheet HTML 40Page - ITT Industries TST24AS00 Datasheet HTML 41Page - ITT Industries TST24AS00 Datasheet HTML 42Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 96 page
background image
38
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Neptune Circular Connectors
Cannon Trident Connectors
Contact Cavity
Arrangements
Neptune Circular Connectors offer com-
binations of Signal and Power contacts.
Mating Face Views of Reversed and Standard Receptacles.
The Signal cavities will accept any of the
standard Trident contacts, including signal
contacts up to 13 A and coax. The power
cavities will accept power contacts rated at
30 A. PCB contacts are also available, for
more information, see page 64.
Shell Size 14
Shell Size 16
Shell Size 16
0 Power
0 Power
2 Power
12 Signal
19 Signal
13 Signal
Shell Size 24
Shell Size 24
Shell Size 24
Shell Size 24
12 Power
4 Power
4 Power
0 Power
19 Signal
20 Signal
28 Signal
48 Signal
Note: The Signal cavities will accept any of the standard Trident contacts, including signal contacts up to 13 A and coax. The
power cavities will accept power contacts rated at 30 A. PCB contacts are also available.
Wire Sealing Range*
Contact
Signal
Power
Arrangement
(Overall Diameter)
(Overall Diameter)
(Power- Signal Contacts)
0-12
1,70-2,70 (.066-.106)
N/A
0-19
1,70-2,70 (.066-.106)
N/A
2-13
1,70-2,70 (.066-.106)
2,70-4,00 (.106-.157)
4-20
1,70-2,70 (.066-.106)
2,70-4,00 (.106-.157)
4-28
1,70-2,70 (.066-.106)
2,70-4,00 (.106-.157)
0-48
1,70-2,20 (.066-.086)
N/A
0-48 (L)
2,30-3,20 (.090-.126)
N/A
12-19
1,70-2,70 (.066-.106)
2,70-4,00 (.106-.157)
(L) Larger overall sealing diameter for thick insulation wires
* Describes the range of cable diameters to be used respective layout
Shell Size
Number of Power Contacts
Number of Signal Contacts
The view is of reversed receptacle
Standard receptacle is a mirror image



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com