Electronic Components Datasheet Search
  English  ▼

X  

TST24AS00 Datasheet(PDF) 67 Page - ITT Industries

Part # TST24AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS00 Datasheet(HTML) 67 Page - ITT Industries

Back Button TST24AS00 Datasheet HTML 63Page - ITT Industries TST24AS00 Datasheet HTML 64Page - ITT Industries TST24AS00 Datasheet HTML 65Page - ITT Industries TST24AS00 Datasheet HTML 66Page - ITT Industries TST24AS00 Datasheet HTML 67Page - ITT Industries TST24AS00 Datasheet HTML 68Page - ITT Industries TST24AS00 Datasheet HTML 69Page - ITT Industries TST24AS00 Datasheet HTML 70Page - ITT Industries TST24AS00 Datasheet HTML 71Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 96 page
background image
67
T2P Contacts
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Cannon Trident Connectors
Size 16 to 26 AWG,
Insulation Grip
Size 14 to 16 AWG,
No Insulation Grip
Part Number
Part Number
Pack (100)
Reeled (3000)
Wire Range
Wire
1mm (40 m in.)
1 mm (40m in.)
Insulation
mm2
Size
Contact
Tin Plating
Gold Flash Gold Plating
Tin Plating
Gold Flash Gold Plating
Diameter
Strip Length
0,14 - 0,25
26-24 AWG
Pin
192990-0020 192990-0080 192900-0448
192990-2510 192990-2650 192900-0406 0,89 (.035) - 1,58 (.062) 3,95 (.155)±0,25(.009)
0,14 - 0,25
26-24 AWG
Socket
192990-0030 192990-0090 192900-0452
192990-2550 192990-2690 192900-0410 0,89 (.035) - 1,58 (.062) 3,95 (.155)±0,25(.009)
0,32 - 0,50
22-20 AWG
Pin
192990-0040 192922-1460 192900-0447
192990-2500 192990-2640 192900-0405 1,17 (.046) - 2,08 (.081) 3,95 (.155)±0,25(.009)
0,32 - 0,50
22-20 AWG
Socket
192990-0050 192922-1470 192900-0451
192990-2540 192990-2680 192900-0409 1,17 (.046) - 2,08 (.081) 3,95 (.155)±0,25(.009)
0,75 - 1,50
18-16 AWG
Pin
192990-0060 192990-0100 192900-0446
192990-2490 192990-2630 192900-0404 2,00 (.078) - 2,70 (.106) 3,95 (.155)±0,25(.009)
0,75 - 1,50
18-16 AWG
Socket
192990-0070 192990-0110 192900-0450
192990-2530 192990-2670 192900-0408 2,00 (.078) - 2,70 (.106) 3,95 (.155)±0,25(.009)
1,50 - 2,50
16-14 AWG
Pin
192990-1240 192990-1220 192900-0445
192990-2480 192990-2620 192900-0403
Without insulation support
5,60 (.220)±0,25(.009)
1,50 - 2,50
16-14 AWG
Socket
192990-1250 192990-1230 192900-0449
192990-2520 192990-2660 192900-0407
Without insulation support
5,60 (.220)±0,25(.009)
Socket
Pin
Part Number
Pack (100) Reeled (3000)
Wire Range
Wire
Insulation
Strip
mm2
Size
Contact
Tin Plating
Tin Plating
Diameter
Length
0,14 - 0,25
26-24 AWG
Pin
192900-0122 192900-0120
0,89 (.035) - 1,58 (.062)
3,95 (.155)±0,25 (.009)
0,14 - 0,25
26-24 AWG
Socket
192900-0123 192900-0121
0,89 (.035) - 1,58 (.062)
3,95 (.155)±0,25 (.009)
0,32 - 0,50
22-20 AWG
Pin
192900-0126 192900-0124
1,17 (.046) - 2,08 (.081)
3,95 (.155)±0,25 (.009)
0,32 - 0,50
22-20 AWG
Socket
192900-0127 192900-0125
1,17 (.046) - 2,08 (.081)
3,95 (.155)±0,25 (.009)
0,75 - 1,50
18-16 AWG
Pin
192900-0002 192900-0000
2,00 (.078) - 2,70 (.106)
3,95 (.155)±0,25 (.009)
0,75 - 1,50
18-16 AWG
Socket
192900-0003 192900-0001
2,00 (.078) - 2,70 (.106)
3,95 (.155)±0,25 (.009)
1,50 - 2,50
16-14 AWG
Pin
192900-0005 192900-0004
Without insulation support
5,60 (.220)±0,25 (.009)
1,50 - 2,50
16-14 AWG
Socket
192900-0007 192900-0006
Without insulation support
5,60 (.220)±0,25 (.009)
Size 14 to 16 AWG,
No Insulation Grip
Size 16 to 26 AWG,
Insulation Grip
Formed (Stamped) Crimp Contacts
— Standard Brass Material
• 13 A current rating.
• Three plating styles available.
• Separate retention spring.
• Up to 200 mating cycles.
• Wide range of wire sizes.
• Full support tooling available,
see pages 74-75.
• Two part design.
Formed (Stamped) Crimp Contacts
— High Conductivity Material
• 16 A current rating.
• Recommended for elevated
temperatures.
• High conductivity copper alloy with
tin plating.
• For use with standard crimp tooling,
see pages 74-75.
• Two part design.
• Up to 200 mating cylces.
Socket
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com