Electronic Components Datasheet Search
  English  ▼

X  

TST24AS00 Datasheet(PDF) 76 Page - ITT Industries

Part # TST24AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS00 Datasheet(HTML) 76 Page - ITT Industries

Back Button TST24AS00 Datasheet HTML 72Page - ITT Industries TST24AS00 Datasheet HTML 73Page - ITT Industries TST24AS00 Datasheet HTML 74Page - ITT Industries TST24AS00 Datasheet HTML 75Page - ITT Industries TST24AS00 Datasheet HTML 76Page - ITT Industries TST24AS00 Datasheet HTML 77Page - ITT Industries TST24AS00 Datasheet HTML 78Page - ITT Industries TST24AS00 Datasheet HTML 79Page - ITT Industries TST24AS00 Datasheet HTML 80Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 96 page
background image
76
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Crimping Instructions —
Formed (Stamped) Crimp
Contacts
Assembly Instructions:
1. Strip wires to length. For wire strip lengths,
see page 67.
2. Open the hand tool and place the contact
in the chosen die, ensuring that the locating
plate is positioned between the collar and
crimp saddle. Then squeeze tool gently to
hold the contact in place.
3. Insert the wire.
4. Cycle the tool.
5. Remove the wire and inspect the crimp.
The strands should be visible at both ends of
the crimp. There should be no loose strands
(see Figures 1-3). The contact should be co-linear
with the wire (see Figure 4). Bent contacts
are unacceptable (see Figure 5).
Crimping Instructions —
Machined Crimp Contacts
Assembly Instructions:
1. Strip wires to length. For wire strip
lengths, see page 69.
2. Attach the correct locator (turret) to
the hand tool.
Contact Type
Locator Color
Pin
Blue
Socket
Green
Earthing
Black
3. Adjust the dial for the wire gauge.
4. Place the contact into the locator and
insert the wire into the contact as indicat-
ed on the locator (turret) label.
Figure 6 - Correct
Notes:
Wire Insulation.
Wire Strands.
Contact.
Inspection Window.
Strands must be visible.
Figure 7 - Unacceptable
5. Cycle the tool.
6. Remove and inspect the contact.
Strands should be visible through the
inspection window (see Figure 6). There
should be no loose strands (see Figure 7).
Figure 4 - Correct
Figure 1 - Correct
Figure 5 - Unacceptable
Side View
Side View
Front View
Front View
Figure 2 - Unacceptable
Figure 3 - Unacceptable
1
2
3
4
Assembly Instructions
Cannon Trident Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com