Electronic Components Datasheet Search
  English  ▼

X  

TST24AS00 Datasheet(PDF) 80 Page - ITT Industries

Part # TST24AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS00 Datasheet(HTML) 80 Page - ITT Industries

Back Button TST24AS00 Datasheet HTML 76Page - ITT Industries TST24AS00 Datasheet HTML 77Page - ITT Industries TST24AS00 Datasheet HTML 78Page - ITT Industries TST24AS00 Datasheet HTML 79Page - ITT Industries TST24AS00 Datasheet HTML 80Page - ITT Industries TST24AS00 Datasheet HTML 81Page - ITT Industries TST24AS00 Datasheet HTML 82Page - ITT Industries TST24AS00 Datasheet HTML 83Page - ITT Industries TST24AS00 Datasheet HTML 84Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 96 page
background image
80
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Endbell — Unsealed
Assembly Instructions:
1. Separate the body of the clamp, the
two screws, and the clamping bar.
2. Slide the body over the wires or cable
and screw onto the threads on the back
of the connector. The backshell should
be hand-tight. For Neptune and TNM
connectors, the cable clamp will fit over
the membrane seal and will hold it in
place.
3. There are three clamp bars supplied.
Select the appropriate one for the wire
bundle and attach to the clamp body with
the screws.
Endbell — Sealed
Assembly Instructions:
1. Separate the body of the clamp body,
the two pressure rings, the sealing
grommet, the clamp, and O-ring.
2. Slide the backshell components over
the cable prior to crimping the contacts
and assembling the connector. The
farthest part from the connector is the
clamp, followed by a pressure ring, then
the grommet, then the other pressure
ring, then the clamp body and then the
O-ring.
Assembly Note: The grommet is a layered
design. For large cables one or more of
the interior sections can be removed. If
the grommet resists sliding over the
cable, lubricate with isopropyl alcohol.
3. Crimp and insert the contacts.
4. Slide the O-ring up and over the back
of the connector.
5. Screw the clamp body onto the back
of the connector. It should be hand-tight.
For Neptune and TNM connectors, the
cable clamp will fit over the membrane
seal and will hold it in place.
6. Slide the pressure rings and grommet
forward into the body.
7. Screw the cable clamp into the clamp
body. The cable clamp will apply pressure
to the grommet causing it to seal the
backshell to the cable.
8. Screw down the clamp bar to secure
the cable. Note that the bar is reversible,
depending on the size of the cable.
Assembly Instructions
Cannon Trident Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com