Electronic Components Datasheet Search
  English  ▼

X  

TST24AS00 Datasheet(PDF) 26 Page - ITT Industries

Part # TST24AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS00 Datasheet(HTML) 26 Page - ITT Industries

Back Button TST24AS00 Datasheet HTML 22Page - ITT Industries TST24AS00 Datasheet HTML 23Page - ITT Industries TST24AS00 Datasheet HTML 24Page - ITT Industries TST24AS00 Datasheet HTML 25Page - ITT Industries TST24AS00 Datasheet HTML 26Page - ITT Industries TST24AS00 Datasheet HTML 27Page - ITT Industries TST24AS00 Datasheet HTML 28Page - ITT Industries TST24AS00 Datasheet HTML 29Page - ITT Industries TST24AS00 Datasheet HTML 30Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 96 page
background image
26
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Ringlock is a range of robust circular
connectors for industrial applications.
It uses a metal bayonet coupling system for
quick and reliable connections and thermoplastic
bodies for low installed cost. The connectors are
available in several sizes ranging from 4 to 48
circuits for signals of up to 16 A or coax. With
the addition of a cable clamp, the connectors
can be water sealed to meet IP65. All Ringlock
Circular Connectors are RoHS Compliant.
Product Features
• Rugged metal coupling.
• Available in unsealed and
sealed versions.
• Positive bayonet locking.
• Shell to shell keying.
• Integrally molded combined
plastic body and insulator.
Performance Specifications
Materials and Finishes
Connector Body
Black Nylon
Coupling Ring
Nickel Plated Copper Alloy
Bayonet Pins
Stainless Steel
Bayonet Pins Support Band Nickel Plated Copper Alloy
Applications:
• Industrial Electronics.
• Robotic Systems.
• Manufacturing Equipment.
• Printing Equipment.
• Instrumentation.
• Machine Building.
• Wide range of accessories.
• Accepts all Trident signal and
coaxial contacts.
• PCB versions are available.
• Recognized under the compo-
nent program of UL Inc.
1 Depends on contacts used, layout and degree of pollution
2 Depends on number and type of contacts used
3 Depends on plating and type of contact used
Ringlock Circular Connectors
Cannon Trident Connectors
-
Operating Voltage1 Up to 250 V ac rms
Up to 380 V ac rms (Size 1807 only)
Contact Current Rating2 Up to 13 A, Up to 16 A with High Conductivity Contacts
Operating Temperature -55°C to +105°C (-67°F to + 221°F)
Insulation Resistance 5000MW min. at 500 V dc
Durability3 Up to 500 Mating Cycles
Environmental Sealing Up to IP65
Flammability UL 94 V-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com