Electronic Components Datasheet Search
  English  ▼

X  

TST24AS00 Datasheet(PDF) 86 Page - ITT Industries

Part # TST24AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS00 Datasheet(HTML) 86 Page - ITT Industries

Back Button TST24AS00 Datasheet HTML 82Page - ITT Industries TST24AS00 Datasheet HTML 83Page - ITT Industries TST24AS00 Datasheet HTML 84Page - ITT Industries TST24AS00 Datasheet HTML 85Page - ITT Industries TST24AS00 Datasheet HTML 86Page - ITT Industries TST24AS00 Datasheet HTML 87Page - ITT Industries TST24AS00 Datasheet HTML 88Page - ITT Industries TST24AS00 Datasheet HTML 89Page - ITT Industries TST24AS00 Datasheet HTML 90Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 96 page
background image
86
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Cannon Trident Connectors
IP rating Chart
Chart 2 NEMA / IP Cross Reference
The chart above provides a cross-reference from NEMA to International Protection (IP) Ratings. This cross-reference is
an approximation based on the most current information available. It is not sanctioned by NEMA, IEC, or any other
regulatory body. This chart should be used only as a guideline.
IEC 529
NEMA Ratings
Protection Ratings
12
3
3R
4
4X
56
12
13
IP 00
IP 10
IP 11
IP 20
IP 21
IP 22
IP 23
IP 30
IP 31
IP 32
IP 33
IP 40
IP 41
IP 42
IP 43
IP 50
IP 51
IP 52
IP 53
IP 54
IP 55
IP 56
IP 60
IP 61
IP 62
IP 63
IP 64
IP 65
IP 66
IP 67
IP 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com