Electronic Components Datasheet Search
  English  ▼

X  

TST24AS00 Datasheet(PDF) 56 Page - ITT Industries

Part # TST24AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS00 Datasheet(HTML) 56 Page - ITT Industries

Back Button TST24AS00 Datasheet HTML 52Page - ITT Industries TST24AS00 Datasheet HTML 53Page - ITT Industries TST24AS00 Datasheet HTML 54Page - ITT Industries TST24AS00 Datasheet HTML 55Page - ITT Industries TST24AS00 Datasheet HTML 56Page - ITT Industries TST24AS00 Datasheet HTML 57Page - ITT Industries TST24AS00 Datasheet HTML 58Page - ITT Industries TST24AS00 Datasheet HTML 59Page - ITT Industries TST24AS00 Datasheet HTML 60Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 96 page
background image
56
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Shell
Contact
Size
Layout
Type
Part Number Nomenclature
AB
C
ØD
ØE
ØF
ØG
14
03 04
Standard
192993-0700 TNM7S14-0304S1L
50,00 (1.968)
2,80 (.110) 17,60 (.692) 22,20 (.874)
24,30 (.956) 38,09 (1.500) 34,90(1.374)
14
03 04
Reversed
192993-0699 TNM7S14-0304P1L
50,00 (1.968)
2,80 (.110) 17,60 (.692) 22,20 (.874)
24,30 (.956) 38,09 (1.500) 34,90(1.374)
4-way Reversed Plug/Receptacle
for Power Contacts
This connector was developed for
use on servomotors where high
currents and high voltages are used.
• Voltage rating 500V.
• Short receptacle to save space.
Shell
Contact
Size
Type
Layout
Part Number
Nomenclature
AB
C
D
E
F
G
H
I
J
16
Reversed Receptacle
04 00
192993-0106
TNM192993-0106
30,3
1,85 11,6 23,7 25,33 30,9 24,4 24,6 28,1 3,5
16
Reversed Plug
04 00
192993-0105
TNM192993-0105
29,8
19,1 23,2 31,2
16
Earth Plug
04 00
192993-0109
TNM192993-0109
29,8
19,1 23,2 31,2
• Uses Cannon D Subminiature
power contacts, see page 71.
• Current rating 40A.
Standard/Reversed Receptacles
for Pin/Socket Contacts
Jam Nut Mounting
Single Piece Connecter
TNM Circular Connectors
Cannon Trident Connectors
With Wire Seal and Securing Nut
• Mates with Standard and Reversed Plugs, see pages 54-55.
Single Piece Connecter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com