Electronic Components Datasheet Search
  English  ▼

X  

TST24AS00 Datasheet(PDF) 59 Page - ITT Industries

Part # TST24AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS00 Datasheet(HTML) 59 Page - ITT Industries

Back Button TST24AS00 Datasheet HTML 55Page - ITT Industries TST24AS00 Datasheet HTML 56Page - ITT Industries TST24AS00 Datasheet HTML 57Page - ITT Industries TST24AS00 Datasheet HTML 58Page - ITT Industries TST24AS00 Datasheet HTML 59Page - ITT Industries TST24AS00 Datasheet HTML 60Page - ITT Industries TST24AS00 Datasheet HTML 61Page - ITT Industries TST24AS00 Datasheet HTML 62Page - ITT Industries TST24AS00 Datasheet HTML 63Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 96 page
background image
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
59
Universal Shielded
Endbell*
In order to meet EMC requirements it will
be necessary to fit a shielded endbell to
the TNM connectors. The TNM Shielded
Endbell provides sealing to the connector
shell, a cable braid grip and sealing to
the outer sheath of the cable. Sealing
rating is IP67.
Shielded endbells are used with unsealed
plugs and receptacles.
Materials and Finishes
Description
Material/Finish
Housing
Aluminum/Nickel
Grounding Ring
Aluminum/Nickel
Clamp Nut
Aluminum/Nickel
Cable Grip
Nylon, UL 94 V-0
Support Sleeve
Nylon, UL 94 V-0
O-Ring
Rubber
Cable Seal
Rubber
Cables
The TNM Shielded Endbell covers a wide
range of multicore cable used in industrial
applications. The following table indicates
the sizes that can be accommodated
provided the outside sheath diameter is
within the accommodation range shown.
For detail of contacts, see page 63.
Shielded cable to Endbell Assembly
Instructions are supplied with the Endbell
piece parts kit, also shown on page 82.
Dimensions
Shell
Part
E max.
Size
Number
Nomenclature
A
ØB
ØC
D
Standard Format Reversed Format
10
192993-0081
TNA10CCSE-00L
56,60 (2.228)
8,00 (.315)
17,90 (.705)
16,00 (.630)
88,50 (3.484)
80,00 (3.150)
12
192993-0082
TNA12CCSE-00L
56,70 (2.320)
10,00 (.394)
21,00 (.827)
19,00 (.748)
88,50 (3.484)
80,00 (3.150)
14
192993-0083
TNA14CCSE-00L
57,00 (2.441)
11,30 (.449)
24,00 (.945)
22,00 (.886)
88,50 (3.484)
80,00 (3.150)
16
192993-0084
TNA16CCSE-00L
57,40 (2.260)
13,60 (.535)
27,40 (1,079)
25,00 (.984)
88,50 (3.484)
80,00 (3.150)
Cable Accommodation
Endbell
Number of
Outer Sheath Size
Shell Size
Signal Contacts
Minimum
Maximum
10
4
4,40 (.173)
7,30 (.287)
12
8
6,40 (.252)
9,50 (.374)
14
12
8,50 (.334)
10,20 (.402)
16
19
7,90 (.311)
12,60 (.496)
*Patent Pending
For assembly instruction, see page 81.
TNM Circular Accessories
Cannon Trident Connectors
Shell Size
Part Number
Nomenclature
Ø A max
ØB min
ØB max
ØC
ØD max
10
192993-0091
TNA10CCSE-01L
18,10 (.712)
5,00 (.196)
10,0 (.393)
19,00 (.748)
70,00 (2.755)
12
192993-0092
TNA12CCSE-01L
21,20 (.834)
6,00 (.236)
12,00 (.472)
21,00 (.826)
72,00 (2.834)
14
192993-0093
TNA14CCSE-01L
24,20 (.952)
7,00 (.275)
14,00 (.551)
23,00 (.905)
78,00 (3.070)
16
192993-0094
TNA16CCSE-01L
27,60 (1.086)
8,00 (.314)
16,00 (.629)
25,00 (.984)
82,50 (3.248)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com