Electronic Components Datasheet Search
  English  ▼

X  

TST24AS00 Datasheet(PDF) 12 Page - ITT Industries

Part # TST24AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS00 Datasheet(HTML) 12 Page - ITT Industries

Back Button TST24AS00 Datasheet HTML 8Page - ITT Industries TST24AS00 Datasheet HTML 9Page - ITT Industries TST24AS00 Datasheet HTML 10Page - ITT Industries TST24AS00 Datasheet HTML 11Page - ITT Industries TST24AS00 Datasheet HTML 12Page - ITT Industries TST24AS00 Datasheet HTML 13Page - ITT Industries TST24AS00 Datasheet HTML 14Page - ITT Industries TST24AS00 Datasheet HTML 15Page - ITT Industries TST24AS00 Datasheet HTML 16Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 96 page
background image
12
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Cannon Trident Connectors
Snap Together - Rectangular
Receptacle —
PCB Mounted
for Pin Contacts
• Mates with Free Plug, see page 10.
• Integrally molded flanges.
• Contacts are on a 5,08 (.200) grid,
symmetrical on center lines.
• Recommended PCB hole Ø1,15 (.045).
• Connector Discriminating Caps
available, see page 73.
Formed (Stamped)
Number of
Contacts Plating Part Number Nomenclature
2
Gold* 192900-0411
TST02RB05Y
2
Tin
192990-3230
TST02RB05T
3
Gold* 192900-0412
TST03RB05Y
3
Tin
192990-3240
TST03RB05T
4
Gold* 192900-0413
TST04RB05Y
4
Tin
192990-3250
TST04RB05T
6
Gold* 192900-0414
TST06RB05Y
6
Tin
192990-3260
TST06RB05T
12
Gold* 192900-0415
TST12RB05Y
12
Tin
192990-3270
TST12RB05T
24
Gold* 192900-0416
TST24RB05Y
24
Tin
192990-3280
TST24RB05T
36
Gold* 192900-0417
TST36RB05Y
36
Tin
192990-3290
TST36RB05T
Machined
Dimensions
BC
Part Number Nomenclature Figure
A
±0,08 (.003) ±0,08 (.003)
DE
192991-0270 TST02RB01Z
1 11,13 (.438)
N/A
19,13 (.753)
6,00 (.236)
25,00 (.984)
192991-0271 TST02RB01T
1 11,13 (.438)
N/A
19,13 (.753)
6,00 (.236)
25,00 (.984)
192991-0278 TST03RB01Z
2 16,21 (.638) 14,05 (.553)
10,24 (.403)
6,00 (.236)
20,10 (.791)
192991-0279 TST03RB01T
2 16,21 (.638) 14,05 (.553)
10,24 (.403)
6,00 (.236)
20,10 (.791)
192991-0286 TST04RB01Z
2 21,30 (.838) 14,05 (.553)
15,32 (.603)
6,00 (.236)
20,10 (.791)
192991-0287 TST04RB01T
2 21,30 (.838) 14,05 (.553)
15,32 (.603)
6,00 (.236)
20,10 (.791)
192991-0294 TST06RB01Z
2 16,20 (.637) 19,12 (.752)
10,23 (.402) 11,00 (.433)
26,00 (1.023)
192991-0295 TST06RB01T
2 16,20 (.637) 19,12 (.752)
10,23 (.402) 11,00 (.433)
26,00 (1.023)
192991-0302 TST12RB01Z
2 16,20 (.637) 29,30 (1.153) 10,26 (.404) 21,20 (.834)
35,20 (1.385)
192991-0303 TST12RB01T
2 16,20 (.637) 29,30 (1.153) 10,26 (.404) 21,20 (.834)
35,20 (1.385)
192991-0310 TST24RB01Z
2 21,30 (.838) 39,37 (1.550) 15,32 (.603) 31,30 (1.232) 45,60 (1.795)
192991-0311 TST24RB01T
2 21,30 (.838) 39,37 (1.550) 15,32 (.603) 31,30 (1.232) 45,60 (1.795)
192991-0402 TST36RB01Z
1 46,60 (1.834) 15,24 (.600) 54,64 (2.151) 21,20 (.834)
60,50 (2.382)
192991-0403 TST36RB01T
1 46,60 (1.834) 15,24 (.600) 54,64 (2.151) 21,20 (.834)
60,50 (2.382)
* Gold plating for Formed (Stamped) Contacts is 0,75 µm (30 µ in.) min gold. Gold plating for Machined Contacts is gold flash.
Figure 1
Figure 2
Pack of 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com