Electronic Components Datasheet Search
  English  ▼

X  

TST24AS00 Datasheet(PDF) 61 Page - ITT Industries

Part # TST24AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS00 Datasheet(HTML) 61 Page - ITT Industries

Back Button TST24AS00 Datasheet HTML 57Page - ITT Industries TST24AS00 Datasheet HTML 58Page - ITT Industries TST24AS00 Datasheet HTML 59Page - ITT Industries TST24AS00 Datasheet HTML 60Page - ITT Industries TST24AS00 Datasheet HTML 61Page - ITT Industries TST24AS00 Datasheet HTML 62Page - ITT Industries TST24AS00 Datasheet HTML 63Page - ITT Industries TST24AS00 Datasheet HTML 64Page - ITT Industries TST24AS00 Datasheet HTML 65Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 96 page
background image
61
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Cannon Trident Connectors
Trident High Voltage (THV)
This new connector series is based on the Trident
Neptune Metal housing. The insulator body has
been designed for high voltage applications.
These connectors rated for up to 34 A (for wire
size 4,0 mm² at 20°C) and 500 V ac. This connec-
tor series is VDE certified.
Operating Voltage Up to 500 V (dc and ac)
Contact Current Rating Max. 34 A for wire size 4,0 mm² at 20°C
Contact Resistance 5mOhm max.
Voltage Proof 6kV rated impulse voltage
Insulation Resistance 5000MOhm
Performance Specifications
Electrical Data
Durability Up to 200 Mating cycles, depending on contact type
Mating Torque Max. 2,31 Nm
Unmating Torque Min, 0,23 Nm to Max 2,31 Nm
Mechanical Data
Operating Temperature -40°C to +125°C
Humity Steady State RH 90 to 95%, 40°C, 504 hours
Environmental Sealing IP67 in mated condition
Salt Spray 48 hours
Vibration 10 g’s peak, 10 to 500 Hz, 9 hours
Physical Shock 50 g’s peak, 6msec., half-spine pulse
Environmental Data (acc. ISO 15170)
Shell Nickel Plated Zinc Alloy
Insulator Orange Nylon
Coupling Nut Nickel Plated Brass
Flammability UL 94 V-0
Materials and Finishes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com