Electronic Components Datasheet Search
  English  ▼

X  

TST24AS00 Datasheet(PDF) 36 Page - ITT Industries

Part # TST24AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS00 Datasheet(HTML) 36 Page - ITT Industries

Back Button TST24AS00 Datasheet HTML 32Page - ITT Industries TST24AS00 Datasheet HTML 33Page - ITT Industries TST24AS00 Datasheet HTML 34Page - ITT Industries TST24AS00 Datasheet HTML 35Page - ITT Industries TST24AS00 Datasheet HTML 36Page - ITT Industries TST24AS00 Datasheet HTML 37Page - ITT Industries TST24AS00 Datasheet HTML 38Page - ITT Industries TST24AS00 Datasheet HTML 39Page - ITT Industries TST24AS00 Datasheet HTML 40Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 96 page
background image
36
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Cannon Trident Connectors
Neptune Circular Connectors
Neptune is a range of circular connectors specifically
designed for harsh environment applications. They
come with membrane wire seals that meet the
requirements for IP67 and do not require blanking
plugs for unused cavities. They will accept various
combinations of signal (13 A) and power (30 A)
contacts. The receptacle connectors feature stainless
steel bayonet pins integrally molded into the bodies.
The plug connectors are available with either high
strength metal or corrosion resistant plastic
coupling rings. All Neptune Circular Connectors are
RoHS Compliant.
Product Features
• Mixes signal and 30 A power contacts
in one housing.
• Printed circuit and coaxial contacts
available.
• Full interface and cable sealing up
to IP67.
Performance Specifications
Materials and Finishes
Connector Body
Black Nylon
Coupling Ring
Nickel Plated Copper Alloy
Bayonet Pins
Stainless Steel
Bayonet Pins Support Band Nickel Plated Copper Alloy
Applications
• Off Road Vehicles.
• Truck and Bus.
• Agricultural Equipment.
• Construction Equipment.
• Printing Machines.
• Industrial Automation.
• Stamping Machines.
• Large range of support accessories.
• Robust, cost effective connector for
harsh environments.
1 Depends on contacts used, layout, and degree of pollution
2 Depends on type and number of contacts used
3 Depends on plating and type of contacts used
-
Operating Voltage1 Up to 250 V ac rms
Contact Current Rating2 Up to 13 A, Up to 16 A with High Conductivity
Contacts, Up to 30 A with Power Contacts
Operating Temperature -55°C to + 105°C (-67°F to +221°F)
Insulation Resistance 5000MW min. at 500 V dc
Durability3 Up to 500 Mating Cycles
Environmental Sealing Up to IP67
Flammability UL 94 V-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com