Electronic Components Datasheet Search
  English  ▼

X  

TST24AS00 Datasheet(PDF) 83 Page - ITT Industries

Part # TST24AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS00 Datasheet(HTML) 83 Page - ITT Industries

Back Button TST24AS00 Datasheet HTML 79Page - ITT Industries TST24AS00 Datasheet HTML 80Page - ITT Industries TST24AS00 Datasheet HTML 81Page - ITT Industries TST24AS00 Datasheet HTML 82Page - ITT Industries TST24AS00 Datasheet HTML 83Page - ITT Industries TST24AS00 Datasheet HTML 84Page - ITT Industries TST24AS00 Datasheet HTML 85Page - ITT Industries TST24AS00 Datasheet HTML 86Page - ITT Industries TST24AS00 Datasheet HTML 87Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 96 page
background image
83
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Shielded Endbell for
Larger Cable Sizes
(continued from page 82)
4. Fold braid forward as shown and trim
to length (Figure 4).
5. Slide on clamp ring in position shown
(Figure 5).
6. Screw clamp body onto the connector
using a strap wrench (Figure 6). Tighten
to the recommended torque values in
table below.
Shell
Clamp body
Size
Torque max.
10
4 Nm
12
6 Nm
14
10 Nm
16
10 Nm
7. Push metal washers and rubber washer
into rear of clamp body. Then screw
compression nut to compress rubber
washer. Avoid overtightening as this may
twist the cable. Finally tighten screws to
provide the mechanical strain relief
(Figure 7).
8. Assembled connector (Figure 8).
Assembly Instructions
Cannon Trident Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com