Electronic Components Datasheet Search
  English  ▼

X  

TST24AS00 Datasheet(PDF) 57 Page - ITT Industries

Part # TST24AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS00 Datasheet(HTML) 57 Page - ITT Industries

Back Button TST24AS00 Datasheet HTML 53Page - ITT Industries TST24AS00 Datasheet HTML 54Page - ITT Industries TST24AS00 Datasheet HTML 55Page - ITT Industries TST24AS00 Datasheet HTML 56Page - ITT Industries TST24AS00 Datasheet HTML 57Page - ITT Industries TST24AS00 Datasheet HTML 58Page - ITT Industries TST24AS00 Datasheet HTML 59Page - ITT Industries TST24AS00 Datasheet HTML 60Page - ITT Industries TST24AS00 Datasheet HTML 61Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 96 page
background image
57
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Cannon Trident Connectors
TNM Circular Connectors
Designed for use as an antenna
connector, this design incorporates
D Subminiature power contacts and
standard Trident signal contacts.
• Can terminate wire sizes up to 8 AWG (10 mm2)
• Large cables with outside diameters up to 16,00 (.630) diameter can be accommodated.
• Uses Cannon D Subminiature power contacts see page 71.
For more information, please contact your local Cannon sales office.
3-3 Connector
Shell Contact
Size
Layouts
Type
Part Number
A
B
CD
E
F
G
H
14
03 03
Reversed Receptacle Pin
192993-2013
38,6
2,8
17,6
18,8
22,16
34,9
24,2
25,8
14
03 03
Reversed Plug Socket
192993-0261
29,8
19,1
18,85
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com