Electronic Components Datasheet Search
  English  ▼

X  

A40MX02 Datasheet(PDF) 28 Page - Microsemi Corporation

Part # A40MX02
Description  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02 Datasheet(HTML) 28 Page - Microsemi Corporation

Back Button A40MX02 Datasheet HTML 24Page - Microsemi Corporation A40MX02 Datasheet HTML 25Page - Microsemi Corporation A40MX02 Datasheet HTML 26Page - Microsemi Corporation A40MX02 Datasheet HTML 27Page - Microsemi Corporation A40MX02 Datasheet HTML 28Page - Microsemi Corporation A40MX02 Datasheet HTML 29Page - Microsemi Corporation A40MX02 Datasheet HTML 30Page - Microsemi Corporation A40MX02 Datasheet HTML 31Page - Microsemi Corporation A40MX02 Datasheet HTML 32Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 142 page
background image
40MX and 42MX FPGA Families
1- 24
R e v i sio n 1 1
Output Drive Characteristics for 3.3 V PCI Signaling
Table 1-19 • DC Specification (3.3 V PCI Signaling)1
PCI
MX
Symbol
Parameter
Condition
Min.
Max.
Min.
Max.
Units
VCCI
Supply Voltage for I/Os
3.0
3.6
3.0
3.6
V
VIH
Input High Voltage
0.5
VCC + 0.5
0.5
VCCI + 0.3
V
VIL
Input Low Voltage
–0.5
0.8
–0.3
0.8
V
IIH
Input High Leakage Current
VIN = 2.7V
70
10
µA
IIL
Input Leakage Current
–70
–10
µA
VOH
Output High Voltage
IOUT = –2 mA
0.9
3.3
V
VOL
Output Low Voltage
IOUT = 3 mA, 6 mA
0.1
0.1 VCCI
V
CIN
Input Pin Capacitance
10
10
pF
CCLK
CLK Pin Capacitance
5
12
10
pF
LPIN
Pin Inductance
20
< 8 nH3
nH
Notes:
1. PCI Local Bus Specification, Version 2.1, Section 4.2.2.1.
2. Maximum rating for VCCI –0.5V to 7.0V.
3. Dependent upon the chosen package. PCI recommends QFP and BGA packaging to reduce pin inductance and
capacitance.
Table 1-20 • AC Specifications for (3.3 V PCI Signaling)*
PCI
MX
Symbol
Parameter
Condition
Min.
Max.
Min.
Max.
Units
ICL
Low Clamp Current
–5 < VIN
≤ –1
–25 + (VIN +1) /0.015
–60
–10
mA
Slew (r) Output Rise Slew Rate
0.2 V to 0.6 V load
1
4
1.8
2.8
V/ns
Slew (f)
Output Fall Slew Rate
0.6 V to 0.2 V load
1
4
2.8
4.0
V/ns
Note:
*PCI Local Bus Specification, Version 2.1, Section 4.2.2.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com