Electronic Components Datasheet Search
  English  ▼

X  

A40MX02 Datasheet(PDF) 82 Page - Microsemi Corporation

Part # A40MX02
Description  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02 Datasheet(HTML) 82 Page - Microsemi Corporation

Back Button A40MX02 Datasheet HTML 78Page - Microsemi Corporation A40MX02 Datasheet HTML 79Page - Microsemi Corporation A40MX02 Datasheet HTML 80Page - Microsemi Corporation A40MX02 Datasheet HTML 81Page - Microsemi Corporation A40MX02 Datasheet HTML 82Page - Microsemi Corporation A40MX02 Datasheet HTML 83Page - Microsemi Corporation A40MX02 Datasheet HTML 84Page - Microsemi Corporation A40MX02 Datasheet HTML 85Page - Microsemi Corporation A40MX02 Datasheet HTML 86Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 142 page
background image
40MX and 42MX FPGA Families
1- 78
R e v i sio n 1 1
CMOS Output Module Timing5
tDLH
Data-to-Pad HIGH
3.5
3.9
4.5
5.2
7.3
ns
tDHL
Data-to-Pad LOW
2.5
2.7
3.1
3.6
5.1
ns
tENZH
Enable Pad Z to HIGH
2.7
3.0
3.3
3.9
5.5
ns
tENZL
Enable Pad Z to LOW
2.9
3.3
3.7
4.3
6.1
ns
tENHZ
Enable Pad HIGH to Z
5.3
5.8
6.6
7.8
10.9
ns
tENLZ
Enable Pad LOW to Z
4.9
5.5
6.2
7.3
10.2
ns
tGLH
G-to-Pad HIGH
5.0
5.6
6.3
7.5
10.4
ns
tGHL
G-to-Pad LOW
5.0
5.6
6.3
7.5
10.4
ns
tLSU
I/O Latch Set-Up
0.5
0.5
0.6
0.7
1.0
ns
tLH
I/O Latch Hold
0.0
0.0
0.0
0.0
0.0
ns
tLCO
I/O Latch Clock-to-Out
(Pad-to-Pad) 32 I/O
5.7
6.3
7.1
8.4
11.8
ns
tACO
Array Latch Clock-to-Out
(Pad-to-Pad) 32 I/O
7.8
8.6
9.8
11.5
16.1
ns
dTLH
Capacitive Loading,
LOW to HIGH
0.07
0.08
0.09
0.10
0.14
ns/pF
dTHL
Capacitive Loading,
HIGH to LOW
0.07
0.08
0.09
0.10
0.14
ns/pF
Table 1-38 • A42MX36 Timing Characteristics (Nominal 5.0 V Operation)
(Worst-Case Commercial Conditions, VCCA = 4.75 V, TJ = 70°C)
–3 Speed
–2 Speed
–1 Speed
Std Speed
–F Speed
Parameter / Description
Min. Max. Min. Max. Min. Max. Min. Max. Min.
Max. Units
Notes:
1. For dual-module macros, use tPD1 + tRD1 + tPDn, tCO + tRD1 + tPDn, or tPD1 + tRD1 + tSUD, whichever is appropriate.
2. Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for
estimating device performance. Post-route timing analysis or simulation is required to determine actual performance.
3. Data applies to macros based on the S-module. Timing parameters for sequential macros constructed from C-modules
can be obtained from the Timer utility.
4. Set-up and hold timing parameters for the Input Buffer Latch are defined with respect to the PAD and the D input.
External setup/hold timing parameters must account for delay from an external PAD signal to the G inputs. Delay from an
external PAD signal to the G input subtracts (adds) to the internal setup (hold) time.
5. Delays based on 35 pF loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com