Electronic Components Datasheet Search
  English  ▼

X  

A40MX02 Datasheet(PDF) 30 Page - Microsemi Corporation

Part # A40MX02
Description  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02 Datasheet(HTML) 30 Page - Microsemi Corporation

Back Button A40MX02 Datasheet HTML 26Page - Microsemi Corporation A40MX02 Datasheet HTML 27Page - Microsemi Corporation A40MX02 Datasheet HTML 28Page - Microsemi Corporation A40MX02 Datasheet HTML 29Page - Microsemi Corporation A40MX02 Datasheet HTML 30Page - Microsemi Corporation A40MX02 Datasheet HTML 31Page - Microsemi Corporation A40MX02 Datasheet HTML 32Page - Microsemi Corporation A40MX02 Datasheet HTML 33Page - Microsemi Corporation A40MX02 Datasheet HTML 34Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 142 page
background image
40MX and 42MX FPGA Families
1- 26
R e v i sio n 1 1
Package Thermal Characteristics
The device junction-to-case thermal characteristic is
θ
jc, and the junction-to-ambient air characteristic is
θ
ja. The thermal characteristics for θja are shown with two different air flow rates.
The maximum junction temperature is 150
°C.
Maximum power dissipation for commercial- and industrial-grade devices is a function of
θ
ja.
A sample calculation of the absolute maximum power dissipation allowed for a TQ176 package at
commercial temperature and still air is given in EQ 2.
EQ 2
The maximum power dissipation for military-grade devices is a function of
θ
jc. A sample calculation of the
absolute maximum power dissipation allowed for CQFP 208-pin package at military temperature and still
air is given in EQ 3.
EQ 3
Maximum Power Allowed
Max. junction temp. (
°C) Max. ambient temp. (°C)
–
θ
ja(°C/W)
------------------------------------------------------------------------------------------------------------------------------------------
150
°C70°C
–
28
°C/W
-------------------------------------
2.86 W
=
=
=
Maximum Power Allowed
Max. junction temp. (
°C) Max. ambient temp. (°C)
–
θ
jc(°C/W)
------------------------------------------------------------------------------------------------------------------------------------------
150
°C125°C
–
6.3
°C/W
----------------------------------------
3.97 W
=
=
=
Table 1-21 • Package Thermal Characteristics
Plastic Packages
Pin Count
θ
jc
θ
ja
Units
Still Air
1.0 m/s
200 ft/min.
2.5 m/s
500 ft/min.
Plastic Quad Flat Pack
100
12.0
27.8
23.4
21.2
°C/W
Plastic Quad Flat Pack
160
10.0
26.2
22.8
21.1
°C/W
Plastic Quad Flat Pack
208
8.0
26.1
22.5
20.8
°C/W
Plastic Quad Flat Pack
240
8.5
25.6
22.3
20.8
°C/W
Plastic Leaded Chip Carrier
44
16.0
20.0
24.5
22.0
°C/W
Plastic Leaded Chip Carrier
68
13.0
25.0
21.0
19.4
°C/W
Plastic Leaded Chip Carrier
84
12.0
22.5
18.9
17.6
°C/W
Thin Plastic Quad Flat Pack
176
11.0
24.7
19.9
18.0
°C/W
Very Thin Plastic Quad Flat Pack
80
12.0
38.2
31.9
29.4
°C/W
Very Thin Plastic Quad Flat Pack
100
10.0
35.3
29.4
27.1
°C/W
Plastic Ball Grid Array
272
3.0
18.3
14.9
13.9
°C/W
Ceramic Packages
Ceramic Quad Flat Pack
208
2.0
22.0
19.8
18.0
°C/W
Ceramic Quad Flat Pack
256
2.0
20.0
16.5
15.0
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com