| Electronic Components Datasheet Search |
|
A40MX02 Datasheet(PDF) 19 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
A40MX02 Datasheet(HTML) 19 Page - Microsemi Corporation |
|
19 / 142 page ![]() 40MX and 42MX FPGA Families Re vi s i on 11 1 - 15 JTAG Mode Activation The JTAG test logic circuit is activated in the Designer software by selecting Tools -> Device Selection. This brings up the Device Selection dialog box as shown in Figure 1-14. The JTAG test logic circuit can be enabled by clicking the "Reserve JTAG Pins" check box. Table 1-5 explains the pins' behavior in either mode. TRST Pin and TAP Controller Reset An active reset (TRST) pin is not supported; however, MX devices contain power-on circuitry that resets the boundary scan circuitry upon power-up. Also, the TMS pin is equipped with an internal pull-up resistor. This allows the TAP controller to remain in or return to the Test-Logic-Reset state when there is no input or when a logical 1 is on the TMS pin. To reset the controller, TMS must be HIGH for at least five TCK cycles. Boundary Scan Description Language (BSDL) File Conforming to the IEEE Standard 1149.1 requires that the operation of the various JTAG components be documented. The BSDL file provides the standard format to describe the JTAG components that can be used by automatic test equipment software. The file includes the instructions that are supported, instruction bit pattern, and the boundary-scan chain order. For an in-depth discussion on BSDL files, please refer to Actel BSDL Files Format Description application note. BSDL files are grouped into two categories - generic and device-specific. The generic files assign all user I/Os as inouts. Device-specific files assign user I/Os as inputs, outputs or inouts. Generic files for MX devices are available on the Microsemi SoC Product Group's website: http://www.microsemi.com/soc/techdocs/models/bsdl.html. Figure 1-14 • Device Selection Wizard Table 1-5 • Boundary Scan Pin Configuration and Functionality Reserve JTAG Checked Unchecked TCK BST input; must be terminated to logical HIGH or LOW to avoid floating User I/O TDI, TMS BST input; may float or be tied to HIGH User I/O TDO BST output; may float or be connected to TDI of another device User I/O |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |