Electronic Components Datasheet Search
  English  ▼

X  

A40MX02 Datasheet(PDF) 17 Page - Microsemi Corporation

Part # A40MX02
Description  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02 Datasheet(HTML) 17 Page - Microsemi Corporation

Back Button A40MX02 Datasheet HTML 13Page - Microsemi Corporation A40MX02 Datasheet HTML 14Page - Microsemi Corporation A40MX02 Datasheet HTML 15Page - Microsemi Corporation A40MX02 Datasheet HTML 16Page - Microsemi Corporation A40MX02 Datasheet HTML 17Page - Microsemi Corporation A40MX02 Datasheet HTML 18Page - Microsemi Corporation A40MX02 Datasheet HTML 19Page - Microsemi Corporation A40MX02 Datasheet HTML 20Page - Microsemi Corporation A40MX02 Datasheet HTML 21Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 142 page
background image
40MX and 42MX FPGA Families
Re vi s i on 11
1 - 13
Design Consideration
It is recommended to use a series 70
Ω termination resistor on every probe connector (SDI, SDO, MODE,
DCLK, PRA and PRB). The 70
Ω series termination is used to prevent data transmission corruption
during probing and reading back the checksum.
IEEE Standard 1149.1 Boundary Scan Test (BST) Circuitry
42MX24 and 42MX36 devices are compatible with IEEE Standard 1149.1 (informally known as Joint
Testing Action Group Standard or JTAG), which defines a set of hardware architecture and mechanisms
for cost-effective board-level testing. The basic MX boundary-scan logic circuit is composed of the TAP
(test access port), TAP controller, test data registers and instruction register (Figure 1-13 on page 1-14).
This circuit supports all mandatory IEEE 1149.1 instructions (EXTEST, SAMPLE/PRELOAD and
BYPASS) and some optional instructions. Table 1-3 on page 1-14 describes the ports that control JTAG
testing, while Table 1-4 on page 1-14 describes the test instructions supported by these MX devices.
Each test section is accessed through the TAP, which has four associated pins: TCK (test clock input),
TDI and TDO (test data input and output), and TMS (test mode selector).
The TAP controller is a four-bit state machine. The '1's and '0's represent the values that must be
present at TMS at a rising edge of TCK for the given state transition to occur. IR and DR indicate that the
instruction register or the data register is operating in that state.
The TAP controller receives two control inputs (TMS and TCK) and generates control and clock signals
for the rest of the test logic architecture. On power-up, the TAP controller enters the Test-Logic-Reset
state. To guarantee a reset of the controller from any of the possible states, TMS must remain high for
five TCK cycles.
42MX24 and 42MX36 devices support three types of test data registers: bypass, device identification,
and boundary scan. The bypass register is selected when no other register needs to be accessed in a
device. This speeds up test data transfer to other devices in a test data path. The 32-bit device
identification register is a shift register with four fields (lowest significant byte (LSB), ID number, part
number and version). The boundary-scan register observes and controls the state of each I/O pin.
Each I/O cell has three boundary-scan register cells, each with a serial-in, serial-out, parallel-in, and
parallel-out pin. The serial pins are used to serially connect all the boundary-scan register cells in a
device into a boundary-scan register chain, which starts at the TDI pin and ends at the TDO pin. The
Table 1-2 •
Device Configuration Options for Probe Capability
Security Fuse(s)
Programmed
Mode
PRA, PRB1
SDI, SDO, DCLK1
No
LOW
User I/Os2
User I/Os2
No
HIGH
Probe Circuit Outputs
Probe Circuit Inputs
Yes
–
Probe Circuit Secured
Probe Circuit Secured
Notes:
1. Avoid using SDI, SDO, DCLK, PRA and PRB pins as input or bidirectional ports. Since these pins are
active during probing, input signals will not pass through these pins and may cause contention.
2. If no user signal is assigned to these pins, they will behave as unused I/Os in this mode. See the "Pin
Descriptions" section on page 1-83 for information on unused I/O pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com