Electronic Components Datasheet Search
  English  ▼

X  

A40MX02 Datasheet(PDF) 40 Page - Microsemi Corporation

Part # A40MX02
Description  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02 Datasheet(HTML) 40 Page - Microsemi Corporation

Back Button A40MX02 Datasheet HTML 36Page - Microsemi Corporation A40MX02 Datasheet HTML 37Page - Microsemi Corporation A40MX02 Datasheet HTML 38Page - Microsemi Corporation A40MX02 Datasheet HTML 39Page - Microsemi Corporation A40MX02 Datasheet HTML 40Page - Microsemi Corporation A40MX02 Datasheet HTML 41Page - Microsemi Corporation A40MX02 Datasheet HTML 42Page - Microsemi Corporation A40MX02 Datasheet HTML 43Page - Microsemi Corporation A40MX02 Datasheet HTML 44Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 142 page
background image
40MX and 42MX FPGA Families
1- 36
R e v i sio n 1 1
Temperature and Voltage Derating Factors
Table 1-22 • 42MX Temperature and Voltage Derating Factors
(Normalized to TJ = 25°C, VCCA = 5.0 V)
42MX
Voltage
Temperature
–55°C
–40°C
0°C
25°C
70°C
85°C
125°C
4.50
0.93
0.95
1.05
1.09
1.25
1.29
1.41
4.75
0.88
0.90
1.00
1.03
1.18
1.22
1.34
5.00
0.85
0.87
0.96
1.00
1.15
1.18
1.29
5.25
0.84
0.86
0.95
0.97
1.12
1.14
1.28
5.50
0.83
0.85
0.94
0.96
1.10
1.13
1.26
Note:
This derating factor applies to all routing and propagation delays.
Figure 1-33 • 42MX Junction Temperature and Voltage Derating Curves
(Normalized to TJ = 25°C, VCCA = 5.0 V)
Table 1-23 • 40MX Temperature and Voltage Derating Factors
(Normalized to TJ = 25°C, VCC = 5.0 V)
40MX
Voltage
Temperature
–55°C
–40°C
0°C
25°C
70°C
85°C
125°C
4.50
0.89
0.93
1.02
1.09
1.25
1.31
1.45
4.75
0.84
0.88
0.97
1.03
1.18
1.24
1.37
5.00
0.82
0.85
0.94
1.00
1.15
1.20
1.33
5.25
0.80
0.82
0.91
0.97
1.12
1.16
1.29
5.50
0.79
0.82
0.90
0.96
1.10
1.15
1.28
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
4.50
4.75
5.00
5.25
5.50
Voltage
(V)
–55°C
–40°C
0°C
25°C
70°C
85°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com