Electronic Components Datasheet Search
  English  ▼

X  

A40MX02 Datasheet(PDF) 20 Page - Microsemi Corporation

Part # A40MX02
Description  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02 Datasheet(HTML) 20 Page - Microsemi Corporation

Back Button A40MX02 Datasheet HTML 16Page - Microsemi Corporation A40MX02 Datasheet HTML 17Page - Microsemi Corporation A40MX02 Datasheet HTML 18Page - Microsemi Corporation A40MX02 Datasheet HTML 19Page - Microsemi Corporation A40MX02 Datasheet HTML 20Page - Microsemi Corporation A40MX02 Datasheet HTML 21Page - Microsemi Corporation A40MX02 Datasheet HTML 22Page - Microsemi Corporation A40MX02 Datasheet HTML 23Page - Microsemi Corporation A40MX02 Datasheet HTML 24Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 142 page
background image
40MX and 42MX FPGA Families
1- 16
R e v i sio n 1 1
Development Tool Support
The MX family of FPGAs is fully supported by Libero® Integrated Design Environment (IDE). Libero IDE
is a design management environment, seamlessly integrating design tools while guiding the user through
the design flow, managing all design and log files, and passing necessary design data among tools.
Libero IDE allows users to integrate both schematic and HDL synthesis into a single flow and verify the
entire design in a single environment. Libero IDE includes SynplifyPro from Synopsys, ModelSim® HDL
Simulator from Mentor Graphics,® and Viewdraw.
Libero IDE includes place-and-route and provides a comprehensive suite of backend support tools for
FPGA development, including timing-driven place-and-route, and a world-class integrated static timing
analyzer and constraints editor.
Additionally, the back-annotation flow is compatible with all the major simulators and the simulation
results can be cross-probed with Silicon Explorer II, Microsemi’s integrated verification and logic analysis
tool. Another tool included in the Libero software is the SmartGen macro builder, which easily creates
popular and commonly used logic functions for implementation into your schematic or HDL design.
Microsemi’s Libero software is compatible with the most popular FPGA design entry and verification tools
from companies such as Mentor Graphics, Synopsys, and Cadence Design Systems.
Refer to the Libero IDE web content at www.microsemi.com/soc/products/software/libero/default.aspx for
further information on licensing and current operating system support.
Related Documents
Application Notes
Actel BSDL Files Format Description
www.microsemi.com/soc/documents/BSDLformat_AN.pdf
Programming Antifuse Devices
http://www.microsemi.com/soc/documents/AntifuseProgram_AN.pdf
Actel's Implementation of Security in Actel Antifuse FPGAs
www.microsemi.com/documents/Antifuse_Security_AN.pdf
User’s Guides and Manuals
Antifuse Macro Library Guide
www.microsemicom/soc/documents/libguide_UG.pdf
Silicon Sculptor II
www.microsemi.com/soc/techdocs/manuals/default.asp#programmers
Miscellaneous
Libero IDE Flow Diagram
www.microsemi.com/soc/products/tools/libero/flow.html
5.0 V Operating Conditions
Table 1-6 •
Absolute Maximum Ratings for 40MX Devices*
Symbol
Parameter
Limits
Units
VCC
DC Supply Voltage
–0.5 to +7.0
V
VI
Input Voltage
–0.5 to VCC+0.5
V
VO
Output Voltage
–0.5 to VCC+0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com