Electronic Components Datasheet Search
  English  ▼

X  

AM79C976 Datasheet(PDF) 292 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 292 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 288Page - Advanced Micro Devices AM79C976 Datasheet HTML 289Page - Advanced Micro Devices AM79C976 Datasheet HTML 290Page - Advanced Micro Devices AM79C976 Datasheet HTML 291Page - Advanced Micro Devices AM79C976 Datasheet HTML 292Page - Advanced Micro Devices AM79C976 Datasheet HTML 293Page - Advanced Micro Devices AM79C976 Datasheet HTML 294Page - Advanced Micro Devices AM79C976 Datasheet HTML 295Page - Advanced Micro Devices AM79C976 Datasheet HTML 296Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 309 page
background image
A-7
Am79C976
8/01/00
P R E L I M INARY
the controller will write a ZERO to ENP for this buffer
and will write a ZERO to OWN and STP.
2. If the controller finishes the data transfers into buffer
number 2 before the driver writes the applications
modified buffer point into the third descriptor, then
the controller will complete the frame in buffer num-
ber 2 and then skip the then unowned third buffer. In
this case, the Am79C976 controller will not have
had the opportunity to RESET the ENP bit in this
descriptor, and it is possible that the software left
this bit as ENP = 1 from the last time through the
ring. Therefore, the software must treat the location
as a don’t care. The rule is, after finding ENP = 1 (or
ERR = 1) in descriptor number 2, the software must
ignore ENP bits until it finds the next STP = 1.
s Example 3: Assume that instead of the expected
1060 byte frame, a 100 byte frame arrives, because
there was an error in the network, or because this is
the last frame in a file transmission sequence, or
perhaps because it is an acknowledge frame.
*Same as note in example 2 above, except that in this
case, it is very unlikely that the driver can respond to
the interrupt and get the pointer from the application
before the Am79C976 controller has completed its poll
of the next descriptors. This means that for almost all
occurrences of this case, the Am79C976 controller will
not find the OWN bit set for this descriptor and, there-
fore, the ENP bit will almost always contain the old
value, since the Am79C976 controller will not have had
an opportunity to modify it.
**Note that even though the Am79C976 controller will
write a ZERO to this ENP location, the software should
treat the location as a don’t care, since after finding the
ENP = 1 in descriptor number 2, the software should ig-
nore ENP bits until it finds the next STP = 1.
%XIIHU 6L]H 7XQLQJ
For maximum performance, buffer sizes should be ad-
justed depending upon the expected frame size and
the values of the interrupt latency and application call
latency. The best driver code will minimize the CPU uti-
lization while also minimizing the latency from frame
end on the network to the frame sent to application
from driver (frame latency). These objectives are aimed
at increasing throughput on the network while decreas-
ing CPU utilization.
Note: The buffer sizes in the ring may be altered at any
time that the CPU has ownership of the corresponding
descriptor. The best choice for buffer sizes will maxi-
mize the time that the driver is swapped out, while min-
imizing the time from the last byte written by the
Am79C976 controller to the time that the data is
passed from the driver to the application. In the dia-
gram, this corresponds to maximizing S0, while mini-
mizing the time between C9 and S8. (the timeline
happens to show a minimal time from C9 to S8.)
Note: By increasing the size of buffer number 1, we in-
crease the value of S0. However, when we increase the
size of buffer number 1, we also increase the value of
S4. If the size of buffer number 1 is too large, then the
driver will not have enough time to perform tasks S2,
S3, S4, S5, and S6. The result is that there will be delay
from the execution of task C9 until the execution of task
S8. A perfectly timed system will have the values for S5
and S7 at a minimum.
An average increase in performance can be achieved,
if the general guidelines of buffer sizes in Figure 2 is fol-
lowed. However, as was noted earlier, the correct sizing
for buffers will depend upon the expected message
size. There are two problems with relating expected
message size with the correct buffer sizing:
1. Message sizes cannot always be accurately pre-
dicted, since a single application may expect differ-
ent message sizes at different times. Therefore, the
buffer sizes chosen will not always maximize
throughput.
2. Within a single application, message sizes might be
somewhat predictable, but when the same driver is
to be shared with multiple applications, there may
not be a common predictable message size.
Additional problems occur when trying to define the
correct sizing because the correct size also depends
Descriptor
Number
Before the Frame Arrives
After the Frame Arrives
Comments (After
Frame Arrival)
OWN
STP
ENPa
OWN
STP
ENPE
1
1
1
X
0
1
0
Bytes 1-800
2
1
0
X
0
0
0**
Discarded buffer
3
0
0
X
0
0
?
Discarded buffer
4
1
1
X
1
1
X
Controller’s current
location
5
1
0
X
1
0
X
Not yet used
6
0
0
X
0
0
X
Not yet used
etc.
1
1
X
1
1
X
Net yet used
D & b.ENP or ERR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com