Electronic Components Datasheet Search
  English  ▼

X  

AM79C976 Datasheet(PDF) 140 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 140 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 136Page - Advanced Micro Devices AM79C976 Datasheet HTML 137Page - Advanced Micro Devices AM79C976 Datasheet HTML 138Page - Advanced Micro Devices AM79C976 Datasheet HTML 139Page - Advanced Micro Devices AM79C976 Datasheet HTML 140Page - Advanced Micro Devices AM79C976 Datasheet HTML 141Page - Advanced Micro Devices AM79C976 Datasheet HTML 142Page - Advanced Micro Devices AM79C976 Datasheet HTML 143Page - Advanced Micro Devices AM79C976 Datasheet HTML 144Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 309 page
background image
140
Am79C976
8/01/00
P R E L I M INARY
&75/&RQWURO 5HJLVWHU
Offset 06Ch
This register contains several miscellaneous control
bits. Each byte of this register controls a single func-
tion. It is not necessary to do a read-modify-write oper-
ation to change a function’s settings if only a single byte
of the register is written.
All bits in this register are set to their default values by
H_RESET. All bits are also set to their default values
before EEPROM data are loaded or after an EEPROM
read failure.
The default value for all bits except for bits 17:16
(XMTSP) and bits 1:0 (RCVFW) is 0. The default value
for the XMTSP field is 01b (64 bytes). The default value
for the RCVFW field is also 01b.
Table 47. CTRL1: Control1 Register
11-8
ROMTMG
Expansion ROM Timing. The value of ROMTMG is used to tune the timing for all accesses to the
external Flash/EPROM.
ROMTMG defines the amount of time that a valid address is driven on the ERA[19:0] pins.
The register value specifies delay in number of ROMCLK cycles, where ROMCLK is an internal
clock signal that runs at one fourth the speed of ERCLK.
Note: Programming ROMTMG with a value of 0 is not permitted.
To ensure adequate expansion ROM setup time, ROMTMG should be set to 1 plus tACC /
(ROMCLK period), where tACC is the access time of the expansion ROM device (Flash or
EPROM). (The extra ROMCLK cycle is added to account for the ERA[19:0] output delay from
ROMCLK plus the ERD[7:0] setup time to ROMCLK.)
ROMTMG is set to the default value of 1001b by H_RESET. It is also set to its default value before
the EEPROM read process starts or when the EEPROM read process fails. The default value
allows using an Expansion ROM with an access time of 350 ns if ERCLK is running at 90 MHz.
This field is an alias of BCR18, bits 15:12.
7-5
RES
Reserved locations. Written as zeros and read as undefined.
4
BURST_ALIGN
PCI Bus Burst Align. When this bit is set, if a burst transfer starts in the middle of a cache line, the
transfer will stop at the first cache line boundary.
3-0
BURST_LIMIT
PCI Bus Burst Limit. This 4-bit field limits the maximum length of a burst transfer. If the contents
of this register are 0, the burst length is limited by the amount of data available or by the amount
of FIFO space available. If the contents of this field are not zero, a burst transfer will end when the
transfer has crossed the number of cache line boundaries equal to the contents of this field.
Bit
Name
Description
Bit
Name
Description
31-26
RES
Reserved locations. Written as zeros and read as undefined.
25-24
SLOTMOD
Slot Time Modulation. This field determines the value of the slot time parameter used for the MAC
half-duplex backoff algorithm.
If SLOTMOD is set to anything other than the default value of 0, the controller will not conform to
IEEE Std 802.3.
23:18
RES
Reserved locations. Written as zeros and read as undefined.
Value
Slot Time (bits)
00
512 (standard)
01
256
10
1024
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com