Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 14Page - Texas Instruments LM3421 Datasheet HTML 15Page - Texas Instruments LM3421 Datasheet HTML 16Page - Texas Instruments LM3421 Datasheet HTML 17Page - Texas Instruments LM3421 Datasheet HTML 18Page - Texas Instruments LM3421 Datasheet HTML 19Page - Texas Instruments LM3421 Datasheet HTML 20Page - Texas Instruments LM3421 Datasheet HTML 21Page - Texas Instruments LM3421 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
VCMP
0
tVCC
tCMP
tCO
t
0.9V
FREQUENCY (Hz)
80
60
40
20
0
-20
-40
-60
-80
90
45
0
-45
-90
-135
-180
-225
-270
1e-1
1e1
1e3
1e5
1e7
GAIN
60°Phase Margin
PHASE
öP2
öP3
öP1
öZ1
x
=
0
U
T
T
-
1
¸
¸
¹
·
¨
¨
©
§
s
Z
1
Z
x
x
+
1
¸
¸
¹
·
¨
¨
©
§
s
Z
3
P
+
1
¸
¸
¹
·
¨
¨
©
§
s
Z
2
P
+
1
¸
¸
¹
·
¨
¨
©
§
s
Z
1
P
1
3
P =
Z
FS
FS
C
R
x
1
2
P =
Z
CMP
6
C
e
5
x
:
LM3421, LM3421-Q1
LM3423, LM3423-Q1
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
www.ti.com
(19)
It may also be necessary to add one final pole at least one decade above the crossover frequency to attenuate
switching noise and, in some cases, provide better gain margin. This pole can be placed across RSNS to filter the
ESL of the sense resistor at the same time. Figure 23 shows how the compensation is physically implemented in
the system.
The high frequency pole (
ωP3) can be calculated:
(20)
The total system transfer function becomes:
(21)
The resulting compensated loop gain frequency response shown in Figure 24 indicates that the system has
adequate phase margin (above 45°) if the dominant compensation pole is placed low enough, ensuring stability:
Figure 24. Compensated Loop Gain Frequency Response
Figure 25. Start-Up Waveforms
18
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com