Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 8Page - Texas Instruments LM3421 Datasheet HTML 9Page - Texas Instruments LM3421 Datasheet HTML 10Page - Texas Instruments LM3421 Datasheet HTML 11Page - Texas Instruments LM3421 Datasheet HTML 12Page - Texas Instruments LM3421 Datasheet HTML 13Page - Texas Instruments LM3421 Datasheet HTML 14Page - Texas Instruments LM3421 Datasheet HTML 15Page - Texas Instruments LM3421 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 65 page
background image
T
T
SW
C
R
25
f
x
=
(
)
2
O
O
IN
V
V
V
25
-
x
x
SW
f
=
2
IN
T
T
V
C
R
x
x
fSW =
25 x VIN - VO
RT x CT X VIN
(
)
LM3421, LM3421-Q1
LM3423, LM3423-Q1
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
www.ti.com
PREDICTIVE OFF-TIME (PRO) CONTROL
PRO control is used by the LM3421/23 to control ILED. It is a combination of average peak current control and a
one-shot off-timer that varies with input voltage. The LM3421/23 uses peak current control to regulate the
average LED current through an array of HBLEDs. This method of control uses a series resistor in the LED path
to sense LED current and can use either a series resistor in the MosFET path or the MosFET RDS-ON for both
cycle-by-cycle current limit and input voltage feed forward. D is indirectly controlled by changes in both tOFF and
tON, which vary depending on the operating point.
Even though the off-time control is quasi-hysteretic, the input voltage proportionality in the off-timer creates an
essentially constant switching frequency over the entire operating range for boost and buck-boost topologies.
The buck topology can be designed to give constant ripple over either input voltage or output voltage, however
switching frequency is only constant at a specific operating point .
This type of control minimizes the control loop compensation necessary in many switching regulators, simplifying
the design process. The averaging mechanism in the peak detection control loop provides extremely accurate
LED current regulation over the entire operating range.
PRO control was designed to mitigate “current mode instability” (also called “sub-harmonic oscillation”) found in
standard peak current mode control when operating near or above 50% duty cycles. When using standard peak
current mode control with a fixed switching frequency, this condition is present, regardless of the topology.
However, using a constant off-time approach, current mode instability cannot occur, enabling easier design and
control.
Predictive off-time advantages:
•
There is no current mode instability at any duty cycle.
•
Higher duty cycles / voltage transformation ratios are possible, especially in the boost regulator.
The only disadvantage is that synchronization to an external reference frequency is generally not available.
SWITCHING FREQUENCY
An external resistor (RT) connected between the RCT pin and the switch node (where D1, Q1, and L1 connect),
in combination with a capacitor (CT) between the RCT and AGND pins, sets the off-time (tOFF) as shown in
Figure 16. For boost and buck-boost topologies, the VIN proportionality ensures a virtually constant switching
frequency (fSW).
For a buck topology, RT and CT are also used to set tOFF, however the VIN proportionality will not ensure a
constant switching frequency. Instead, constant ripple operation can be achieved. Changing the connection of RT
in Figure 16 from VSW to VIN will provide a constant ripple over varying VIN. Adding a PNP transistor as shown in
Figure 17 will provide constant ripple over varying VO.
The switching frequency is defined:
Buck (Constant Ripple vs. VIN)
(4)
Buck (Constant Ripple vs. VO)
(5)
Boost and Buck-boost
(6)
For all topologies, the CT capacitor is recommended to be 1 nF and should be located very close to the
LM3421/23.
12
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com